Electronic Components Datasheet Search
  English  ▼

X  

WM8255 Datasheet(PDF) 23 Page - Cirrus Logic

Part # WM8255
Description  Single Channel 16-bit CIS/CCD AFE with RGB LED Current Drive
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8255 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button WM8255 Datasheet HTML 19Page - Cirrus Logic WM8255 Datasheet HTML 20Page - Cirrus Logic WM8255 Datasheet HTML 21Page - Cirrus Logic WM8255 Datasheet HTML 22Page - Cirrus Logic WM8255 Datasheet HTML 23Page - Cirrus Logic WM8255 Datasheet HTML 24Page - Cirrus Logic WM8255 Datasheet HTML 25Page - Cirrus Logic WM8255 Datasheet HTML 26Page - Cirrus Logic WM8255 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
WM8255
Production Data
w
PD, Rev 4.7, August 2013
23
Figure 16 Current Slew Rate Controlled Switching
1.
The red RGB switch is initially closed and the LED drive current will flow in the red diode
2.
The Red RGB switch will open and the shunt current path switch is closed. The LED drive
current will flow in the shunt current path. During this period the LED current DAC is reset
to zero then updated to the next value. No current will flow in any LEDs.
3.
The green RGB switch will be closed.
4.
The auxiliary current path switch will be opened and LED drive current will flow in the green
LED.
The finite time taken for a slew rate controlled current switch is the period necessary to change the
value of the LED current DAC. The slew rate of the current change is limited by the dynamic
performance of the LED current DAC. During this time the LED IDAC current will flow through the
shunt current path switch and no illumination will occur. This period of time is defined by blanking
period
MONO MODE REQUIREMENTS
During a slew rate limited current switch of the LED IDAC, the change of current flowing in the IDAC
will couple a minor disturbance into the AFE. In colour mode this disturbance is not an issue since the
state change switching will occur at the beginning of a line scan when no imaging is occurring. In
mono mode a red, blue and green state switching may occur during a line scan and couple correlated
switching noise into the signal path.
In mono mode to minimise switching noise into the signal path::
-
The blanking period must be disabled. In this mode during a state change, no slew rate limiting
switching will occur, Only the RGB switches will be switched. Table 3 defines the method to
disable blanking during a state transition.
-
In this mode of operation, between states the absolute value of the LED IDAC current must not
change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com