Electronic Components Datasheet Search
  English  ▼

X  

WM8255 Datasheet(PDF) 34 Page - Cirrus Logic

Part # WM8255
Description  Single Channel 16-bit CIS/CCD AFE with RGB LED Current Drive
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8255 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button WM8255 Datasheet HTML 30Page - Cirrus Logic WM8255 Datasheet HTML 31Page - Cirrus Logic WM8255 Datasheet HTML 32Page - Cirrus Logic WM8255 Datasheet HTML 33Page - Cirrus Logic WM8255 Datasheet HTML 34Page - Cirrus Logic WM8255 Datasheet HTML 35Page - Cirrus Logic WM8255 Datasheet HTML 36Page - Cirrus Logic WM8255 Datasheet HTML 37Page - Cirrus Logic WM8255 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
Production Data
WM8255
w
PD, Rev 4.7, August 2013
34
CONTROL INTERFACE
The internal control registers are programmable via the serial digital control interface. The register
contents can be read back via the serial interface on pin OP[3]/SDO.
It is recommended that a software reset is carried out after the power-up sequence, before writing to
any other register. This ensures that all registers are set to their default values (as shown in Table 8).
SERIAL INTERFACE: REGISTER WRITE
Figure 25 shows register writing in serial mode. Three pins, SCK, SDI and SEN are used. A six-bit
address (a5, 0, a3, a2, a1, a0) is clocked in through SDI, MSB first, followed by an eight-bit data word
(b7, b6, b5, b4, b3, b2, b1, b0), also MSB first. Each bit is latched on the rising edge of SCK. When
the data has been shifted into the device, a pulse is applied to SEN to transfer the data to the
appropriate internal register. Note all valid registers have address bit a4 equal to 0 in write mode.
SCK
SEN
SDI
a5
0
a3
a2a1a0b7
b6b5b4b3
b2b1b0
Address
Data Word
Figure 25 Serial Interface Register Write
A software reset is carried out by writing to Address “000100” with any value of data, (i.e. Data Word
= XXXXXXXX.
SERIAL INTERFACE: REGISTER READ-BACK
Figure 26 shows register read-back in serial mode. Read-back is initiated by writing to the serial bus
as described above but with address bit a4 set to 1, followed by an 8-bit dummy data word. Writing
address (a5, 1, a3, a2, a1, a0) will cause the contents (d7, d6, d5, d4, d3, d2, d1, d0) of
corresponding register (a5, 0, a3, a2, a1, a0) to be output MSB first on pin SDO (on the falling edge of
SCK). Note that pin SDO is shared with an output pin, OP[3], so no data can be read when reading
from a register. The next word may be read in to SDI while the previous word is still being output on
SDO.
SCK
SEN
SDI
a5 1 a3 a2 a1 a0 x
x
x
x
x
x
x
x
Address
Data Word
d7 d6 d5 d4 d3 d2 d1 d0
Output Data Word
SDO
Figure 26 Serial Interface Register Read-back
TIMING REQUIREMENTS
To use this device a master clock (MCLK) of up to 24MHz and a per-pixel synchronisation clock
(VSMP) of up to 12MHz is required. These clocks drive a timing control block, which produces
internal signals to control the sampling of the video signal. MCLK to VSMP ratios and maximum
sample rates for the various modes are shown in Table 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com