Electronic Components Datasheet Search
  English  ▼

X  

WM8255 Datasheet(PDF) 24 Page - Cirrus Logic

Part # WM8255
Description  Single Channel 16-bit CIS/CCD AFE with RGB LED Current Drive
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8255 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button WM8255 Datasheet HTML 20Page - Cirrus Logic WM8255 Datasheet HTML 21Page - Cirrus Logic WM8255 Datasheet HTML 22Page - Cirrus Logic WM8255 Datasheet HTML 23Page - Cirrus Logic WM8255 Datasheet HTML 24Page - Cirrus Logic WM8255 Datasheet HTML 25Page - Cirrus Logic WM8255 Datasheet HTML 26Page - Cirrus Logic WM8255 Datasheet HTML 27Page - Cirrus Logic WM8255 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
Production Data
WM8255
w
PD, Rev 4.7, August 2013
24
-
In this mode of operation, setting the duty cycle to zero is an invalid state. The RGB switches
should be used to switch off the LED current.
This method will have no effect on colour mode performance.
BLANKING DISABLE CODE SET
Address
Data
Comment
0x01
0xA3
This will put the part into test configuration mode. Any address will now point to
the extended page reconfiguration register
0x24
0x1C
This will:
-- force the LED IDAC control state machine to stay on at all time
- force the value to be held in LEDIDACR to be loaded into the LED current DAC
0x01
0x23
This will take the part back into normal operating mode.
Notes:
1. If this COMPLETE SEQUENCE of operation is not carried out TOGETHER the part may go into an unsupported mode
To finish a mono mode scan with blanking period disabled and perform another operation, the part needs to get into a know state. Two
options are available for a complete reset of the device or a reset of the LED sequence controller:
Option 1: WM8255 global reset from blanking period disable
Address
Data
Comment
0x04
0x00
This will reset the WM8255 into its default condition. The part should now be fully
reconfigured into the user configuration.
Option 2: WM8255 LED sequence controller reset from blanking period disable
Address
Data
Comment
0x2F
0x00
This will reset LED sequence controller WM8255. All configuration data will be held.
Table 3 Blanking Period Disable
With reference to Figure 17 for current steering,
1.
The appropriate RGB matrix switch is closed allowing the LED current DAC current to flow in the
LED
2.
The first step to switch off the LED current is to close the shunt current path switch
3.
The LED is switched off by opening the RGB switch matrix.
4.
To switch on the LED, first the shunt current path switch is closed and the cycle repeats.
A make before break switch sequence is used when the LED is switched on or off. As a result the
LED current DAC always has a path to flow and never changes value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com