Electronic Components Datasheet Search
  English  ▼

X  

WM8255 Datasheet(PDF) 12 Page - Cirrus Logic

Part # WM8255
Description  Single Channel 16-bit CIS/CCD AFE with RGB LED Current Drive
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8255 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button WM8255 Datasheet HTML 8Page - Cirrus Logic WM8255 Datasheet HTML 9Page - Cirrus Logic WM8255 Datasheet HTML 10Page - Cirrus Logic WM8255 Datasheet HTML 11Page - Cirrus Logic WM8255 Datasheet HTML 12Page - Cirrus Logic WM8255 Datasheet HTML 13Page - Cirrus Logic WM8255 Datasheet HTML 14Page - Cirrus Logic WM8255 Datasheet HTML 15Page - Cirrus Logic WM8255 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
Production Data
WM8255
w
PD, Rev 4.7, August 2013
12
PWM TIMING
Figure 4 PWM Timing
Test Conditions
AVDD1 = 5.75V, DVDD = 3.3V, AGND = DGND = AVDD2 = 0V, TA = 25C, MCLK = 24MHz unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
PWM LED Current Drive Control
PWM Period
tPWMPER
(CLKDIV+1) * LEDPWMPER * tPER
ns
PWM Duty Cycle
LEDPWMDC/ LEDPWMPER
-
PWM Period Resolution
(CLKDIV +1) * tPER
ns
PWM Period Range
(CLKDIV +1) * 4096 * tPER
ns
PWM Duty Cycle Resolution
(CLKDIV +1) * tPER
ns
PWM Duty Cycle Range
(CLKDIV +1) * 4096 * tPER
ns
PWM Enable Coarse Adjust
tPWMMaxCount
tPWMPER*1
tPWMPER *128
ns
LEDSTART set-up time
TLEDSU
6
ns
LEDSTART hold time
TLEDH
3
ns
TG set-up time
tTGSU
6
ns
TG hold time
tTGH
3
ns
PWM Rise / Fall Time
tPWMR /tPWMF
1
5
us
Minimum blank period
tBLANK
25
us
Notes:
1.
For LED Current Drive Description refer to Page 17.
2.
The Blank period starts on the 2
nd falling edge of MCLK after TG goes high.
3.
CLKDIV, LEDPWMPER and LEDPWMDC are register settings. For further details see Table 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com