Electronic Components Datasheet Search
  English  ▼

X  

WM8255 Datasheet(PDF) 10 Page - Cirrus Logic

Part # WM8255
Description  Single Channel 16-bit CIS/CCD AFE with RGB LED Current Drive
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8255 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button WM8255 Datasheet HTML 6Page - Cirrus Logic WM8255 Datasheet HTML 7Page - Cirrus Logic WM8255 Datasheet HTML 8Page - Cirrus Logic WM8255 Datasheet HTML 9Page - Cirrus Logic WM8255 Datasheet HTML 10Page - Cirrus Logic WM8255 Datasheet HTML 11Page - Cirrus Logic WM8255 Datasheet HTML 12Page - Cirrus Logic WM8255 Datasheet HTML 13Page - Cirrus Logic WM8255 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Production Data
WM8255
w
PD, Rev 4.7, August 2013
10
INPUT VIDEO SAMPLING
Figure 1 Input Video Timing
Note:
1.
See Page 35 (Programmable VSMP Detect Circuit) for video sampling description.
Test Conditions
AVDD1 = 5.75V, DVDD = 3.3V, AGND = DGND = AVDD2 = 0V, TA = 25C, MCLK = 24MHz unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
MCLK period
tPER
41.5
ns
MCLK high period
tMCLKH
25
ns
MCLK low period
tMCLKL
25
ns
VSMP period
tVPER
83
ns
VSMP set-up time
tVSMPSU
6
ns
VSMP hold time
tVSMPH
3
ns
Video level set-up time
tVSU
10
ns
Video level hold time
tVH
3
ns
Reset level set-up time
tRSU
10
ns
Reset level hold time
tRH
3
ns
Notes:
1.
tVSU and tRSU denote the set-up time required after the input video signal has settled.
2.
Parameters are measured at 50% of the rising/falling edge.
OUTPUT DATA TIMING
MCLK
OP[3:0]
t
PD
t
PD
Figure 2 Output Data Timing
Test Conditions
AVDD1 = 5.75V, DVDD = 3.3V, AGND = DGND = AVDD2 = 0V, TA = 25C, MCLK = 24MHz unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Output propagation delay
tPD
IOH = 1mA, IOL = 1mA
3
8
15
ns
MCLK
VSMP
INPUT
VIDEO
t
PER
t
VSMPSU
t
VSMPH
t
VSU
t
VH
t
RSU
t
RH
t
MCLKL
t
MCLKH
t
VPER
t
RSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com