Electronic Components Datasheet Search
  English  ▼

X  

WM8255 Datasheet(PDF) 27 Page - Cirrus Logic

Part # WM8255
Description  Single Channel 16-bit CIS/CCD AFE with RGB LED Current Drive
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8255 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button WM8255 Datasheet HTML 23Page - Cirrus Logic WM8255 Datasheet HTML 24Page - Cirrus Logic WM8255 Datasheet HTML 25Page - Cirrus Logic WM8255 Datasheet HTML 26Page - Cirrus Logic WM8255 Datasheet HTML 27Page - Cirrus Logic WM8255 Datasheet HTML 28Page - Cirrus Logic WM8255 Datasheet HTML 29Page - Cirrus Logic WM8255 Datasheet HTML 30Page - Cirrus Logic WM8255 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
WM8255
Production Data
w
PD, Rev 4.7, August 2013
27
ILIMITEN [1:0]
DESCRIPTION
00
At a state transition, one blanking period will be used before the LED can be
enabled.
LED DAC current will be changed and next LED in sequence shall be selected.
No Safe Operating Area test will be performed.
01
At a state transition, two blanking periods will be used before the LED can be
enabled.
During the first blanking period, should the LED DAC current exceed
LEDIMAX, ILIMITFLAG is set and the LED DAC current is reduced by the
percentage set by ILIMITDEC.
During the second blanking period, should the LED current exceed LEDIMAX,
ILIMITFLAG is set and the LED DAC current will be shutdown.
10
At a state transition, one blanking period will be used before the LED can be
enabled.
Should the LED current exceed LEDIMAX, ILIMITFLAG is set. The LED
current will not be reduced automatically. In this situation, the user should take
measures to protect the LED by reducing the LED current.
11
Not a valid setting
Table 4 Modes of Operation of ILIMITEN Register
SETTING THE INITBLANK REGISTER
With reference to Figure 19, the period tBLANK is the initial blank period with no illumination. The initial
blank period time must be controlled by setting a value for a 9-bit register INITBLANK. Setting this
register will enable a counter that is clocked by MCLK to allow for the necessary minimum 25
microseconds. The last three LSBs are fixed to zero and only the 6 MSBs are adjustable.
The value needed for the register INITBLANK is calculated by :-
(tBLANK *0.8)/ MCLK period = INITBLANKdec.
This number should be rounded up to an integral
decimal number.
The binary equivalent of INITBLANKdec should be calculated and, making sure the last 3 LSBs are
zero, should be set in the register.
For example:-
MCLK = 24 Mhz => 41.6ns (tPER)
(tBLANK * 0.8) / tPER = (25s * 0.8) / 41.6ns = 480.77
The nearest integral number where the binary equivalent has zero values in the last 3 LSBs is 480.
480 = 111100000 bin. Therefore the 6 MSBs to be set to the register INITBLANK are:- 111100
By default INITBLANK is set to zero which sets the initial blank period to equal the PWM period/0.8
set by LEDPWMPER.
If ILIMITEN is set to ‘01’ then this blanking period will be doubled. Note that the INITBLANK register
value does not require a new value in this situation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com