Electronic Components Datasheet Search
  English  ▼

X  

AD4011 Datasheet(PDF) 35 Page - Analog Devices

Part # AD4011
Description  Precision, Differential SAR ADCs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4011 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD4011 Datasheet HTML 30Page - Analog Devices AD4011 Datasheet HTML 31Page - Analog Devices AD4011 Datasheet HTML 32Page - Analog Devices AD4011 Datasheet HTML 33Page - Analog Devices AD4011 Datasheet HTML 34Page - Analog Devices AD4011 Datasheet HTML 35Page - Analog Devices AD4011 Datasheet HTML 36Page - Analog Devices AD4011 Datasheet HTML 37Page - Analog Devices AD4011 Datasheet HTML 38Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
Data Sheet
AD4003/AD4007/AD4011
Rev. B | Page 35 of 38
DAISY-CHAIN MODE
Use this mode to daisy-chain multiple AD4003/AD4007/AD4011
devices on a 3-wire or 4-wire serial interface. This feature is useful
for reducing component count and wiring connections, for
example, in isolated multiconverter applications or for systems
with a limited interfacing capacity. Data readback is analogous
to clocking a shift register.
A connection diagram example using two AD4003/AD4007/
AD4011 devices is shown in Figure 65, and the corresponding
timing diagram is shown in Figure 66.
When SDI and CNV are low, SDO is driven low. With SCK low,
a rising edge on CNV initiates a conversion, selects daisy-chain
mode, and disables the busy indicator. In this mode, CNV is
held high during the conversion phase and the subsequent data
readback. When the conversion is complete, the MSB is output
onto SDO and the AD4003/AD4007/AD4011 enter the
acquisition phase and power down. The remaining data bits
stored in the internal shift register are clocked out of SDO by
subsequent SCK falling edges. For each ADC, SDI feeds the
input of the internal shift register and is clocked by the SCK
rising edges. Each ADC in the daisy-chain outputs its data MSB
first, and 18 × N clocks are required to read back the N ADCs.
The data is valid on both SCK edges. The maximum conversion
rate is reduced because of the total readback time.
It is possible to write to each ADC register in daisy-chain mode.
The timing diagram is shown in Figure 51. This mode requires
4-wire operation because data is clocked in on the SDI line with
CNV held low. The same command byte and register data can
be shifted through the entire chain to program all ADCs in the
chain with the same register contents, which requires 8 × (N + 1)
clocks for N ADCs. It is possible to write different register contents
to each ADC in the chain by writing to the furthest ADC in the
chain, first using 8 × (N + 1) clocks, and then the second furthest
ADC with 8 × N clocks, and so forth until reaching the nearest
ADC in the chain, which requires 16 clocks for the command
and register data. It is not possible to read register contents in
daisy-chain mode; however, the six status bits can be enabled if
the user wants to determine the ADC configuration. Note that
enabling the status bits requires six extra clocks to clock out the
ADC result and the status bits per ADC in the chain. Turbo
mode cannot be used in daisy-chain mode.
CONVERT
DATA IN
CLK
DIGITAL HOST
DEVICE B
DEVICE A
SDI
SDO
CNV
SCK
SDI
SDO
CNV
SCK
AD4003/AD4007/
AD4011
AD4003/AD4007/
AD4011
Figure 65. Daisy-Chain Mode Connection Diagram
SDOA = SDIB
DA17
DB17
DB16
DB15
DA16
DA15
DA1DA0
DA1DA0
DB1DB0
SCK
1
2
3
343536
tSSDISCK
tHSDISCK
CONVERSION
ACQUISITION
tCONV
tCYC
tACQ
ACQUISITION
CNV
16
17
tSCK
tSCKL
tSCKH
19
20
18
SDIA = 0
SDOB
DA17
DA16
tHSDO
tDSDO
tQUIET2
tHSCKCNV
tDIS
tQUIET2
tEN
Figure 66. Daisy-Chain Mode Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com