Electronic Components Datasheet Search
  English  ▼

X  

AD4011 Datasheet(PDF) 28 Page - Analog Devices

Part # AD4011
Description  Precision, Differential SAR ADCs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4011 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD4011 Datasheet HTML 24Page - Analog Devices AD4011 Datasheet HTML 25Page - Analog Devices AD4011 Datasheet HTML 26Page - Analog Devices AD4011 Datasheet HTML 27Page - Analog Devices AD4011 Datasheet HTML 28Page - Analog Devices AD4011 Datasheet HTML 29Page - Analog Devices AD4011 Datasheet HTML 30Page - Analog Devices AD4011 Datasheet HTML 31Page - Analog Devices AD4011 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
AD4003/AD4007/AD4011
Data Sheet
Rev. B | Page 28 of 38
STATUS WORD
The 6-bit status word can be appended to the end of a conversion
result, and the default conditions of these bits are shown in Table
15. The status bits must be enabled in the register setting. When
the OV clamp flag is a 0, it indicates an overvoltage condition. The
OV clamp flag status bit updates on a per conversion basis.
The SDO line returns to high impedance after the sixth status
bit is clocked out (except in daisy-chain mode). The user is not
required to clock out all status bits to start the next conversion.
The serial interface timing for CS mode, 3-wire without busy
indicator, including status bits, is shown in Figure 52.
Table 15. Status Bits (Default Conditions)
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OV clamp flag
Span compression
High-Z mode
Turbo mode
Reserved
Reserved
SDO
D17
D16
D15
D1
D0
SCK
12
3
16
17
18
tSCK
tSCKL
tSCKH
tHSDO
tDSDO
CN V
CONVERSION
ACQUISITION
tCYC
ACQUISITION
SDI = 1
tCNVH
tACQ
tEN
23
24
tQUIET2
STATUS BITS B[5:0]
b1
tDIS
b0
22
tCONV
Figure 52. CS Mode, 3-Wire Without Busy Indicator Serial Interface Timing Diagram Including Status Bits (SDI High)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com