Electronic Components Datasheet Search
  English  ▼

X  

AD4011 Datasheet(PDF) 33 Page - Analog Devices

Part # AD4011
Description  Precision, Differential SAR ADCs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4011 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD4011 Datasheet HTML 29Page - Analog Devices AD4011 Datasheet HTML 30Page - Analog Devices AD4011 Datasheet HTML 31Page - Analog Devices AD4011 Datasheet HTML 32Page - Analog Devices AD4011 Datasheet HTML 33Page - Analog Devices AD4011 Datasheet HTML 34Page - Analog Devices AD4011 Datasheet HTML 35Page - Analog Devices AD4011 Datasheet HTML 36Page - Analog Devices AD4011 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
Data Sheet
AD4003/AD4007/AD4011
Rev. B | Page 33 of 38
CS MODE, 4-WIRE WITHOUT BUSY INDICATOR
This mode is typically used when multiple AD4003/AD4007/
AD4011 devices are connected to an SPI-compatible digital host.
A connection diagram example using two AD4003/AD4007/
AD4011 devices is shown in Figure 61, and the corresponding
timing diagram is shown in Figure 62.
With SDI high, a rising edge on CNV initiates a conversion,
selects the CS mode, and forces SDO to high impedance. In this
mode, CNV must be held high during the conversion phase and
the subsequent data readback. If SDI and CNV are low, SDO is
driven low. Prior to the minimum conversion time, SDI can select
other SPI devices, such as analog multiplexers; however, SDI
must be returned high before the minimum conversion time
elapses and then held high for the maximum possible conversion
time to avoid the generation of the busy signal indicator.
When the conversion is complete, the AD4003/AD4007/
AD4011 enter the acquisition phase and power down. Each
ADC result can be read by bringing its SDI input low, which
consequently outputs the MSB onto SDO. The remaining data
bits are then clocked by subsequent SCK falling edges. The data
is valid on both SCK edges. Although the rising edge can
capture the data, a digital host using the SCK falling edge allows
a faster reading rate, provided it has an acceptable hold time.
After the 18th SCK falling edge or when SDI goes high (whichever
occurs first), SDO returns to high impedance and another
AD4003/AD4007/AD4011 can be read.
DEVICE A
CONVERT
DATA IN
CLK
DIGITAL HOST
CS1
CS2
SDI
SDO
CNV
SCK
AD4003/AD4007/
AD4011
AD4003/AD4007/
AD4011
DEVICE B
SDI
SDO
CNV
SCK
Figure
61. CS Mode, 4-Wire Without Busy Indicator Connection Diagram
SDO
D17
D16
D15
D1
D0
tDIS
SCK
12
3
34
35
36
tHSDO
tDSDO
tEN
CONVERSION
ACQUISITION
tCONV
CYC
tACQ
ACQUISITION
SDI (CS1)
CNV
tSSDICNV
tHSDICNV
D1
16
17
tSCK
tSCKL
tSCKH
D0
D17
D16
19
20
18
SDI (CS2)
tQUIET2
Figure
62. CS Mode, 4-Wire Without Busy Indicator Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com