Electronic Components Datasheet Search
  English  ▼

X  

AD4011 Datasheet(PDF) 14 Page - Analog Devices

Part # AD4011
Description  Precision, Differential SAR ADCs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4011 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD4011 Datasheet HTML 10Page - Analog Devices AD4011 Datasheet HTML 11Page - Analog Devices AD4011 Datasheet HTML 12Page - Analog Devices AD4011 Datasheet HTML 13Page - Analog Devices AD4011 Datasheet HTML 14Page - Analog Devices AD4011 Datasheet HTML 15Page - Analog Devices AD4011 Datasheet HTML 16Page - Analog Devices AD4011 Datasheet HTML 17Page - Analog Devices AD4011 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
AD4003/AD4007/AD4011
Data Sheet
Rev. B | Page 14 of 38
60
58
55
56
59
57
54
09
8
56
7
4
3
2
110
TIME (Seconds)
Figure 23. 1/f Noise for 0.1 Hz to 10 Hz Bandwidth, 50 kSPS, 2500 Samples
Averaged per Reading
8
7
3
5
6
4
1
2
0
VDD HIGH-Z DISABLED
VDD HIGH-Z ENABLED
REF HIGH-Z DISABLED
REF HIGH-Z ENABLED
VIO HIGH-Z DISABLED
VIO HIGH-Z ENABLED
–40
100
80
60
40
20
0
–20
120
TEMPERATURE (°C)
Figure 24. Operating Current vs. Temperature, AD4003, 2 MSPS
0
0.5
1.0
1.5
2.0
2.5
–40
–20
0
20
40
60
80
100
120
VDD HIGH-Z ENABLED
VDD HIGH-Z DISABLED
REF HIGH-Z ENABLED
REF HIGH-Z DISABLED
VIO HIGH-Z ENABLED
VIO HIGH-Z DISABLED
TEMPERATURE (°C)
Figure 25. Operating Current vs. Temperature, AD4011, 500 kSPS
10
–4
4
8
0
2
6
–2
–8
–6
–10
–40
100
80
60
40
20
0
–20
120
TEMPERATURE (°C)
PFS GAIN ERROR
NFS GAIN ERROR
ZERO ERROR
Figure 26. Zero Error and Gain Error vs. Temperature Positive Full Scale (PFS)
and Negative Full Scale (NFS)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VDD HIGH-Z ENABLED
VDD HIGH-Z DISABLED
REF HIGH-Z ENABLED
REF HIGH-Z DISABLED
VIO HIGH-Z ENABLED
VIO HIGH-Z DISABLED
Figure 27. Operating Current vs. Temperature, AD4007, 1 MSPS
1.2
2.4
4.8
4.5
3.9
4.2
3.6
3.3
3.0
2.7
5.1
REFERENCE VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1.0
2MSPS
1MSPS
500kSPS
Figure 28. Reference Current vs. Reference Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com