Electronic Components Datasheet Search
  English  ▼

X  

AD4011 Datasheet(PDF) 1 Page - Analog Devices

Part # AD4011
Description  Precision, Differential SAR ADCs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4011 Datasheet(HTML) 1 Page - Analog Devices

  AD4011 Datasheet HTML 1Page - Analog Devices AD4011 Datasheet HTML 2Page - Analog Devices AD4011 Datasheet HTML 3Page - Analog Devices AD4011 Datasheet HTML 4Page - Analog Devices AD4011 Datasheet HTML 5Page - Analog Devices AD4011 Datasheet HTML 6Page - Analog Devices AD4011 Datasheet HTML 7Page - Analog Devices AD4011 Datasheet HTML 8Page - Analog Devices AD4011 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
18-Bit, 2 MSPS/1 MSPS/500 kSPS,
Precision, Differential SAR ADCs
Data Sheet
AD4003/AD4007/AD4011
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Throughput: 2 MSPS/1 MSPS/500 kSPS options
INL: ±1.0 LSB (±3.8 ppm) maximum
Guaranteed 18-bit no missing codes
Low power
9.5 mW at 2 MSPS, 4.9 mW at 1 MSPS, 2.4 mW at 500 kSPS
(VDD only)
80 μW at 10 kSPS, 16 mW at 2 MSPS (total)
SNR: 100.5 dB typical at 1 kHz, VREF = 5 V; 99 dB typical at
100 kHz
THD: −123 dB typical at 1 kHz, VREF = 5 V; −100 dB typical at
100 kHz
Ease of use features reduce system power and complexity
Input overvoltage clamp circuit
Reduced nonlinear input charge kickback
High-Z mode
Long acquisition phase
Input span compression
Fast conversion time allows low SPI clock rates
SPI-programmable modes, read/write capability, status word
Differential analog input range: ±VREF
0 V to VREF with VREF from 2.4 V to 5.1 V
Single 1.8 V supply operation with 1.71 V to 5.5 V logic interface
SAR architecture: no latency/pipeline delay, valid first
conversion
First conversion accurate
Guaranteed operation: −40°C to +125°C
SPI-/QSPI-/MICROWIRE-/DSP-compatible serial interface
Ability to daisy-chain multiple ADCs and busy indicator
10-lead packages: 3 mm × 3 mm LFCSP, 3 mm × 4.90 mm MSOP
APPLICATIONS
Automatic test equipment
Machine automation
Medical equipment
Battery-powered equipment
Precision data acquisition systems
GENERAL DESCRIPTION
The AD4003/AD4007/AD4011 are low noise, low power, high
speed, 18-bit, precision successive approximation register (SAR)
analog-to-digital converters (ADCs). The AD4003, AD4007, and
AD4011 offer 2 MSPS, 1 MSPS, and 500 kSPS throughputs,
respectively. They incorporate ease of use features that reduce
signal chain power consumption, reduce signal chain complexity,
and enable higher channel density. The high-Z mode, coupled with
a long acquisition phase, eliminates the need for a dedicated high
power, high speed ADC driver, thus broadening the range of low
power precision amplifiers that can drive these ADCs directly while
still achieving optimum performance. The input span compression
feature enables the ADC driver amplifier and the ADC to operate
off common supply rails without the need for a negative supply
while preserving the full ADC code range. The low serial
peripheral interface (SPI) clock rate requirement reduces the digital
input/output power consumption, broadens processor options, and
simplifies the task of sending data across digital isolation.
Operating from a 1.8 V supply, the AD4003/AD4007/AD4011 have
a ±VREF fully differential input range with VREF ranging from 2.4 V
to 5.1 V. The AD4003 consumes only 16 mW at 2 MSPS with a
minimum SCK rate of 75 MHz in turbo mode, the AD4007
consumes only 8 mW at 1 MSPS, and the AD4011 consumes only 4
mW at 500 kSPS. The AD4003/AD4007/AD4011 all achieve ±1.0
LSB integral nonlinearty error (INL) maximum, guaranteed no
missing codes at 18 bits with 100.5 dB typical signal-to-noise ratio
(SNR) for 1 kHz inputs. The reference voltage is applied externally
and can be set independently of the supply voltage.
The SPI-compatible versatile serial interface features seven different
modes including the ability, using the SDI input, to daisy-chain
several ADCs on a single 3-wire bus and provides an optional busy
indicator. The AD4003/AD4007/AD4011 are compatible with 1.8
V, 2.5 V, 3 V, and 5 V logic, using the separate VIO supply.
The AD4003/AD4007 are available in a 10-lead MSOP and LFCSP,
and the AD4011 is available in a 10-lead LFCSP, with operation
specified from −40°C to +125°C. The devices are pin compatible
with the 16-bit, 2 MSPS AD4000 (see Table 8).
FUNCTIONAL BLOCK DIAGRAM
GND
IN+
IN–
SDI
SCK
SDO
CNV
AD4003/
AD4007/
AD4011
18-BIT
SAR ADC
SERIAL
INTERFACE
VIO
REF
VDD
VREF
0
VREF
0
VREF/2
VREF/2
HIGH-Z
MODE
CLAMP
SPAN
COMPRESSION
TURBO
MODE
STATUS
BITS
2.5V TO 5V
1.8V
10µF
1.8V TO 5V
3-WIRE OR 4-WIRE
SPI INTERFACE
(DAISY CHAIN, CS)
Figure 1.


Similar Part No. - AD4011

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4011 AD-AD4011 Datasheet
3Mb / 42P
Precision, Low Power Differential Amplifier/ADC Driver Family
Rev. C
More results

Similar Description - AD4011

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
12-Bit, 1MSPS SAR ADCs
logo
Analog Devices
MT-074 AD-MT-074 Datasheet
255Kb / 5P
Differential Drivers for Precision ADCs
REV. 0
AD4003 AD-AD4003 Datasheet
1Mb / 34P
18-Bit, 2 MSPS Precision SAR Differential ADC
REV. 0
AD4001 AD-AD4001 Datasheet
926Kb / 34P
16-Bit, 2 MSPS, Precision SAR, Differential ADC
Rev. 0
AD4000 AD-AD4000_17 Datasheet
1Mb / 36P
Precision, Pseudo Differential, SAR ADCs
Rev. C
AD4001 AD-AD4001_17 Datasheet
905Kb / 37P
Precision, Differential SAR ADCs
Rev. B
AD4002 AD-AD4002 Datasheet
599Kb / 36P
Precision, Pseudo Differential, SAR ADCs
Rev. PrA
AD4020 AD-AD4020 Datasheet
789Kb / 37P
Precision SAR, Differential ADC
Rev. A
AD7380 AD-AD7380 Datasheet
699Kb / 31P
Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
1/2019-Revision 0
AD4680 AD-AD4680 Datasheet
427Kb / 29P
Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
10/2020-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com