Electronic Components Datasheet Search
  English  ▼

X  

AD4011 Datasheet(PDF) 6 Page - Analog Devices

Part # AD4011
Description  Precision, Differential SAR ADCs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4011 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD4011 Datasheet HTML 2Page - Analog Devices AD4011 Datasheet HTML 3Page - Analog Devices AD4011 Datasheet HTML 4Page - Analog Devices AD4011 Datasheet HTML 5Page - Analog Devices AD4011 Datasheet HTML 6Page - Analog Devices AD4011 Datasheet HTML 7Page - Analog Devices AD4011 Datasheet HTML 8Page - Analog Devices AD4011 Datasheet HTML 9Page - Analog Devices AD4011 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
AD4003/AD4007/AD4011
Data Sheet
Rev. B | Page 6 of 38
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DIGITAL OUTPUTS
Data Format
Serial 18 bits, twos complement
Pipeline Delay
Conversion results available immediately
after completed conversion
Output Low Voltage, VOL
ISINK = 500 μA
0.4
V
Output High Voltage, VOH
ISOURCE = −500 μA
VIO − 0.3
V
POWER SUPPLIES
VDD
1.71
1.8
1.89
V
VIO
1.71
5.5
V
Standby Current
VDD = 1.8 V, VIO = 1.8 V, T = 25°C
1.6
μA
Power Dissipation
VDD = 1.8 V, VIO = 1.8 V, VREF = 5 V
10 kSPS, high-Z mode disabled
80
μW
500 kSPS, high-Z mode disabled
4
4.7
mW
1 MSPS, high-Z mode disabled
8
9.3
mW
2 MSPS, high-Z mode disabled
16
18.5
mW
500 kSPS, high-Z mode enabled
5
6.2
mW
1 MSPS, high-Z mode enabled
10
12.3
mW
2 MSPS, high-Z mode enabled
20
24.5
mW
VDD Only
500 kSPS, high-Z mode disabled
2.4
mW
1 MSPS, high-Z mode disabled
4.9
mW
2 MSPS, high-Z mode disabled
9.5
mW
REF Only
500 kSPS, high-Z mode disabled
1.4
mW
1 MSPS, high-Z mode disabled
2.8
mW
2 MSPS, high-Z mode disabled
5.5
mW
VIO Only
500 kSPS, high-Z mode disabled
0.1
mW
1 MSPS, high-Z mode disabled
0.4
mW
2 MSPS, high-Z mode disabled
1.0
mW
Energy per Conversion
8
nJ/sample
TEMPERATURE RANGE
Specified Performance
TMIN to TMAX
−40
+125
°C
1 The acquisition phase is the time available for the input sampling capacitors to acquire a new input with the ADC running at a throughput rate of 2 MSPS for the
AD4003, 1 MSPS for the AD4007, and 500 kSPS for the AD4011.
2 A throughput rate of 2 MSPS can only be achieved with turbo mode enabled and a minimum SCK rate of 75 MHz. Refer to Table 4 for the maximum achievable
throughput for different modes of operation.
3 Transient response is the time required for the ADC to acquire a full-scale input step to ±1 LSB accuracy.
4 The minimum and maximum values are guaranteed by characterization, but not production tested.
5 See the 1/f noise plot in Figure 23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com