Electronic Components Datasheet Search
  English  ▼

X  

AD4011 Datasheet(PDF) 25 Page - Analog Devices

Part # AD4011
Description  Precision, Differential SAR ADCs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4011 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD4011 Datasheet HTML 21Page - Analog Devices AD4011 Datasheet HTML 22Page - Analog Devices AD4011 Datasheet HTML 23Page - Analog Devices AD4011 Datasheet HTML 24Page - Analog Devices AD4011 Datasheet HTML 25Page - Analog Devices AD4011 Datasheet HTML 26Page - Analog Devices AD4011 Datasheet HTML 27Page - Analog Devices AD4011 Datasheet HTML 28Page - Analog Devices AD4011 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
Data Sheet
AD4003/AD4007/AD4011
Rev. B | Page 25 of 38
POWER SUPPLY
The AD4003/AD4007/AD4011 use two power supply pins: a core
supply (VDD) and a digital input/output interface supply (VIO).
VIO allows direct interface with any logic between 1.8 V and
5.5 V. To reduce the number of supplies needed, VIO and VDD
can be tied together for 1.8 V operation. The ADP7118 low noise,
CMOS, low dropout (LDO) linear regulator is recommended to
power the VDD and VIO pins. The AD4003/AD4007/AD4011
are independent of power supply sequencing between VIO and
VDD. Additionally, the AD4003/AD4007/AD4011 are insensitive
to power supply variations over a wide frequency range, as
shown in Figure 47.
80
75
70
65
60
55
50
100
1k
10k
100k
1M
FREQUENCY (Hz)
Figure 47. PSRR vs. Frequency, VDD = 1.8 V, VIO = 3.3 V, VREF = 5 V, 25°C
The AD4003/AD4007/AD4011 power down automatically at
the end of each conversion phase; therefore, the power scales
linearly with the sampling rate. This feature makes the device
ideal for low sampling rates (even a few samples per second)
and battery-powered applications. Figure 48 shows the
AD4003/AD4007/AD4011 total power dissipation and
individual power dissipation for each rail.
100k
100
10k
1
10
1k
0.1
0.01
10
1M 2M
100k
10k
1k
100
THROUGHPUT (SPS)
VDD
VIO
REF
TOTAL POWER
POWER DISSIPATION MEASUREMENTS
APPLY TO EACH PRODUCT OVER ITS
SPECIFIED THROUGHPUT RANGE.
Figure 48. Power Dissipation vs. Throughput, VDD = 1.8 V, VIO = 3.3 V,
VREF = 5 V, 25°C
DIGITAL INTERFACE
Although the AD4003/AD4007/AD4011 have a reduced
number of pins, they offer flexibility in their serial interface
modes. The AD4003/AD4007/AD4011 can also be programmed
via 16-bit SPI writes to the configuration registers.
When in CS mode, the AD4003/AD4007/AD4011 are compatible
with SPI, QSPI™, MICROWIRE®, digital hosts, and DSPs. In this
mode, the AD4003/AD4007/AD4011 can use either a 3-wire or
4-wire interface. A 3-wire interface using the CNV, SCK, and
SDO signals minimizes wiring connections, which is useful, for
instance, in isolated applications. A 4-wire interface using the
SDI, CNV, SCK, and SDO signals allows CNV, which initiates the
conversions, to be independent of the readback timing (SDI).
This interface is useful in low jitter sampling or simultaneous
sampling applications.
The AD4003/AD4007/AD4011 provide a daisy-chain feature
using the SDI input for cascading multiple ADCs on a single
data line, similar to a shift register.
The mode in which the device operates depends on the SDI
level when the CNV rising edge occurs. CS mode is selected if
SDI is high, and daisy-chain mode is selected if SDI is low. The
SDI hold time is such that when SDI and CNV are connected
together, daisy-chain mode is always selected.
In either 3-wire or 4-wire mode, the AD4003/AD4007/AD4011
offer the option of forcing a start bit in front of the data bits. This
start bit can be used as a busy signal indicator to interrupt the
digital host and trigger the data reading. Otherwise, without a
busy indicator, the user must time out the maximum conversion
time prior to readback.
The busy indicator feature is enabled in CS mode if CNV or SDI
is low when the ADC conversion ends.
The state of the SDO on power-up is either low or high-Z
depending on the states of CNV and SDI, as shown in Table 11.
Table 11. State of SDO on Power-Up
CNV
SDI
SDO
0
0
Low
0
1
Low
1
0
Low
1
1
High-Z
The AD4003/AD4007/AD4011 have turbo mode capability in
both 3-wire and 4-wire mode. Turbo mode is enabled by writing
to the configuration register and replaces the busy indicator feature
when enabled. Turbo mode allows a slower SPI clock rate, making
interfacing simpler. The maximum throughput of 2 MSPS for
the AD4003 can be achieved only with turbo mode enabled and
a minimum SCK rate of 75 MHz. The SCK rate must be
sufficiently fast to ensure the conversion result is clocked out
before another conversion is initiated. The minimum required
SCK rate for an application can be derived based on the sample
period (tCYC), the number of bits that must be read (including
data and optional status bits), and the digital interface mode
being used. Timing diagrams and explanations for each digital
interface mode are given in the digital modes of operation sections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com