Electronic Components Datasheet Search
  English  ▼

X  

AD4011 Datasheet(PDF) 18 Page - Analog Devices

Part # AD4011
Description  Precision, Differential SAR ADCs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4011 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD4011 Datasheet HTML 14Page - Analog Devices AD4011 Datasheet HTML 15Page - Analog Devices AD4011 Datasheet HTML 16Page - Analog Devices AD4011 Datasheet HTML 17Page - Analog Devices AD4011 Datasheet HTML 18Page - Analog Devices AD4011 Datasheet HTML 19Page - Analog Devices AD4011 Datasheet HTML 20Page - Analog Devices AD4011 Datasheet HTML 21Page - Analog Devices AD4011 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
AD4003/AD4007/AD4011
Data Sheet
Rev. B | Page 18 of 38
CONVERTER OPERATION
The AD4003/AD4007/AD4011 are SAR-based ADCs using a
charge redistribution sampling digital-to-analog converter
(DAC). Figure 31 shows the simplified schematic of the ADC.
The capacitive DAC consists of two identical arrays of 18 binary
weighted capacitors, which are connected to the comparator inputs.
During the acquisition phase, terminals of the array tied to the
input of the comparator are connected to GND via the SW+ and
SW− switches. All independent switches connect the other
terminal of each capacitor to the analog inputs. Therefore, the
capacitor arrays are used as sampling capacitors and acquire the
analog signal on the IN+ and IN− inputs.
When the acquisition phase is complete and the CNV input
goes high, a conversion phase initiates. When the conversion
phase begins, SW+ and SW− are opened first. The two capacitor
arrays are then disconnected from the inputs and connected to
the GND input. The differential voltage between the IN+ and
IN− inputs captured at the end of the acquisition phase is applied
to the comparator inputs, causing the comparator to become
unbalanced. By switching each element of the capacitor array
between GND and VREF, the comparator input varies by binary
weighted voltage steps (VREF/2, VREF/4, …, VREF/262,144). The
control logic toggles these switches, starting with the MSB, to
bring the comparator back into a balanced condition. After the
completion of this process, the control logic generates the ADC
output code and a busy signal indicator.
Because the AD4003, AD4007, and AD4011 have on-board
conversion clocks, the serial clock (SCK) is not required for the
conversion process.
TRANSFER FUNCTIONS
The ideal transfer characteristics for the AD4003/AD4007/
AD4011 are shown in Figure 32 and Table 9.
100...000
100...001
100...010
011...101
011...110
011...111
ANALOG INPUT
+FSR – 1.5 LSB
+FSR – 1 LSB
–FSR + 1 LSB
–FSR
–FSR + 0.5 LSB
Figure 32. ADC Ideal Transfer Function (FSR Is Full-Scale Range)
Table 9. Output Codes and Ideal Input Voltages
Description
Analog Input, VREF = 5 V
VREF = 5 V with Span Compression Enabled
Digital Output Code (Hex)
FSR − 1 LSB
+4.999962 V
+3.999969 V
0x1FFFF1
Midscale + 1 LSB
+38.15 μV
+30.5 μV
0x00001
Midscale
0 V
0 V
0x00000
Midscale − 1 LSB
−38.15 μV
−30.5 μV
0x3FFFF
−FSR + 1 LSB
−4.999962 V
−3.999969 V
0x20001
−FSR
−5 V
−4 V
0x200002
1 This output code is also the code for an overranged analog input (VIN+ − VIN− above VREF with the span compression disabled and above 0.8 ×VREF with the span
compression enabled).
2 This output code is also the code for an underranged analog input (VIN+ − VIN− below −VREF with the span compression disabled and above 0.8 ×VREF with the span
compression enabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com