Electronic Components Datasheet Search
  English  ▼

X  

AD4011 Datasheet(PDF) 22 Page - Analog Devices

Part # AD4011
Description  Precision, Differential SAR ADCs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4011 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD4011 Datasheet HTML 18Page - Analog Devices AD4011 Datasheet HTML 19Page - Analog Devices AD4011 Datasheet HTML 20Page - Analog Devices AD4011 Datasheet HTML 21Page - Analog Devices AD4011 Datasheet HTML 22Page - Analog Devices AD4011 Datasheet HTML 23Page - Analog Devices AD4011 Datasheet HTML 24Page - Analog Devices AD4011 Datasheet HTML 25Page - Analog Devices AD4011 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
AD4003/AD4007/AD4011
Data Sheet
Rev. B | Page 22 of 38
DRIVER AMPLIFIER CHOICE
Although the AD4003/AD4007/AD4011 are easy to drive, the
driver amplifier must meet the following requirements:
The noise generated by the driver amplifier must be kept
low enough to preserve the SNR and transition noise perfor-
mance of the AD4003/AD4007/AD4011. The noise from
the driver is filtered by the single-pole, low-pass filter of
the AD4003/AD4007/AD4011 analog input circuit made
by RIN and CIN or by the external filter, if one is used. Because
the typical noise of the AD4003/AD4007/AD4011 is
31.5 μV rms, the SNR degradation due to the amplifier is


2
2
)
(
2
π
V)
(31.5
V
31.5
log
20
N
dB
3
LOSS
Ne
f
SNR
where:
f−3 dB is the input bandwidth, in megahertz, of the
AD4003/AD4007/AD4011 (10 MHz) or the cutoff
frequency of the input filter, if one is used.
N is the noise gain of the amplifier (for example, 1 in buffer
configuration).
eN is the equivalent input noise voltage of the op amp in
nV/√Hz.
For ac applications, the driver must have a THD performance
commensurate with the AD4003/AD4007/AD4011.
For multichannel multiplexed applications, the driver
amplifier and the analog input circuit of the AD4003/
AD4007/AD4011 must settle for a full-scale step onto the
capacitor array at an 18-bit level (0.000384%, 3.84 ppm). In
the data sheet of the amplifier, settling at 0.1% to 0.01% is
more commonly specified. This setting may differ
significantly from the settling time at an 18-bit level and
must be verified prior to driver selection.
Single to Differential Driver
For applications using a single-ended analog signal, either
bipolar or unipolar, the ADA4940-1 single-ended to differential
driver allows a differential input to the device. The schematic is
shown in Figure 36.
High Frequency Input Signals
The AD4003/AD4007/AD4011 ac performance over a wide
input frequency range using a 5 V reference voltage is shown in
Figure 39 and Figure 40. Unlike other traditional SAR ADCs,
the AD4003/AD4007/AD4011 maintain exceptional ac perfor-
mance for input frequencies up to the Nyquist frequency with
minimal performance degradation. Note that the input frequency
is limited to the Nyquist frequency of the sample rate in use.
102
96
90
100
92
94
98
88
17.0
15.5
16.5
14.5
15.0
16.0
14.0
1k
100k
10k
1M
INPUT FREQUENCY (Hz)
ENOB
SINAD
SNR
Figure 39. SNR, SINAD, and ENOB vs. Input Frequency, VDD = 1.8 V, VIO = 3.3 V,
VREF = 5 V, 25°C
–90
–105
–95
–115
–110
–100
–120
120
105
115
95
100
110
90
1k
100k
10k
1M
INPUT FREQUENCY (Hz)
THD
SFDR
Figure 40. THD and SFDR vs. Input Frequency, VDD = 1.8 V, VIO = 3.3 V,
VREF = 5 V, 25°C
Multiplexed Applications
The AD4003/AD4007/AD4011 significantly reduce system
complexity and cost for multiplexed applications that require
superior performance in terms of noise, power, and throughput.
Figure 41 shows a simplified block diagram of a multiplexed
data acquisition system including a multiplexer, an ADC driver,
and the precision SAR ADC.
SAR ADC
ADC
DRIVER
MULTIPLEXER
R
R
R
C
C
C
C
Figure 41. Multiplexed Data Acquisition Signal Chain Using the
AD4003/AD4007/AD4011
Switching multiplexer channels typically results in large voltage
steps at the ADC inputs. To ensure an accurate conversion result,
the step must be given adequate time to settle before the ADC
samples its inputs (on the rising edge of CNV). The settling
time is dependent on the drive circuitry (multiplexer and ADC
driver), RC filter values, and the time when the multiplexer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com