Electronic Components Datasheet Search
  English  ▼

X  

AD4011 Datasheet(PDF) 23 Page - Analog Devices

Part # AD4011
Description  Precision, Differential SAR ADCs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4011 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD4011 Datasheet HTML 19Page - Analog Devices AD4011 Datasheet HTML 20Page - Analog Devices AD4011 Datasheet HTML 21Page - Analog Devices AD4011 Datasheet HTML 22Page - Analog Devices AD4011 Datasheet HTML 23Page - Analog Devices AD4011 Datasheet HTML 24Page - Analog Devices AD4011 Datasheet HTML 25Page - Analog Devices AD4011 Datasheet HTML 26Page - Analog Devices AD4011 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
Data Sheet
AD4003/AD4007/AD4011
Rev. B | Page 23 of 38
channels are switched. Switch the multiplexer channels imme-
diately after tQUIET1 has elapsed from the start of the conversion
to maximize settling time while preventing corruption of the
conversion result. To avoid conversion corruption, do not
switch the channels during the tQUIET1 time. If the analog inputs
are multiplexed during the quiet conversion time (tQUIET1), the
current conversion may be corrupted.
EASE OF DRIVE FEATURES
Input Span Compression
In single-supply applications, it is desirable to use the full range
of the ADC; however, the amplifier can have some headroom and
footroom requirements, which can be a problem, even if it is a
rail-to-rail input and output amplifier. The AD4003/AD4007/
AD4011 include a span compression feature, which increases
the headroom and footroom available to the amplifier by reducing
the input range by 10% from the top and bottom of the range
while still accessing all available ADC codes (see Figure 42). The
SNR decreases by approximately 1.9 dB (20 × log(8/10)) for the
reduced input range when span compression is enabled. Span
compression is disabled by default but can be enabled by writing to
the relevant register bit (see the Digital Interface section).
ADC
VREF = 4.096V
DIGITAL OUTPUT
ALL 2N
CODES
+FSR
–FSR
90% OF VREF = 3.69V
10% OF VREF = 0.41V
ANALOG
INPUT
5V
IN+/IN–
Figure 42. Span Compression
High-Z Mode
The AD4003/AD4007/AD4011 incorporate high-Z mode, which
reduces the nonlinear charge kickback when the capacitor DAC
switches back to the input at the start of acquisition. Figure 43
shows the input current of the AD4003/AD4007/AD4011 with
high-Z mode enabled and disabled. The low input current makes
the ADC easier to drive than the traditional SAR ADCs available in
the market, even with high-Z mode disabled. The input current
reduces further to submicroampere range when high-Z mode is
enabled. The high-Z mode is disabled by default but can be enabled
by writing to the register (see Table 14). Disable high-Z mode for
input frequencies above 100 kHz or when multiplexing.
–15
–12
–9
–6
–3
0
3
6
9
12
15
–5
–4
–3
–2
–1
0123
45
INPUT DIFFERENTIAL VOLTAGE (V)
HIGH-Z DISABLED, 2MSPS
HIGH-Z DISABLED, 1MSPS
HIGH-Z DISABLED, 500kSPS
HIGH-Z ENABLED, 2MSPS
HIGH-Z ENABLED, 1MSPS
HIGH-Z ENABLED, 500kSPS
Figure 43. Input Current vs. Input Differential Voltage, VDD = 1.8 V
VIO = 3.3 V, VREF = 5 V, 25°C
To achieve the optimum data sheet performance from high
resolution precision SAR ADCs, system designers are often
forced to use a dedicated high power, high speed amplifier to
drive the traditional switched capacitor SAR ADC inputs for
their precision applications, which is commonly encountered in
designing a precision data acquisition signal chain. The benefits
of high-Z mode are low input current for slow (<10 kHz) or dc
type signals and improved distortion (THD) performance over
a frequency range of up to 100 kHz. High-Z mode allows a
choice of lower power and lower bandwidth precision amplifiers
with a lower RC filter cutoff to drive the ADC, removing the need
for dedicated high speed ADC drivers, which saves system power,
size, and cost in precision, low bandwidth applications. High-Z
mode allows the amplifier and RC filter in front of the ADC to be
chosen based on the signal bandwidth of interest and not based
on the settling requirements of the switched capacitor SAR ADC
inputs.
Additionally, the AD4003/AD4007/AD4011 can be driven with a
much higher source impedance than traditional SARs, which
means the resistor in the RC filter can have a value 10 times larger
than previous SAR designs and, with high-Z mode enabled, can
tolerate even larger impedance. Figure 44 shows the THD per-
formance for various source impedances with high-Z mode
disabled and enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com