Electronic Components Datasheet Search
  English  ▼

X  

UPD168113 Datasheet(PDF) 21 Page - NEC

Part # UPD168113
Description  MOS INTEGRATED CIRCUIT
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD168113 Datasheet(HTML) 21 Page - NEC

Back Button UPD168113 Datasheet HTML 17Page - NEC UPD168113 Datasheet HTML 18Page - NEC UPD168113 Datasheet HTML 19Page - NEC UPD168113 Datasheet HTML 20Page - NEC UPD168113 Datasheet HTML 21Page - NEC UPD168113 Datasheet HTML 22Page - NEC UPD168113 Datasheet HTML 23Page - NEC UPD168113 Datasheet HTML 24Page - NEC UPD168113 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
Data Sheet S16423EJ2V0DS
21
µ PD168113
11.2.2 Pulse output function selection when EXT output
If D6 is set, the function which acts as the monitor of the output state of the driving pulse by the EXT pin can be
selected.
When D6 = 0,
EXT1: Output pulse synchronization mode of the micro step output 1
EXT2: Output pulse synchronization mode of the micro step output 2
When D6 = 1,
EXT1:
Mode with output time of micro step output 1 fixed to H
EXT2:
Mode with output time of micro step output 2 fixed to H
The output synchronization mode is duty 50% TYP. in accordance with the pulse frequency setting.
To count the number of pulses, count the rising edges.
11.2.3 Restrictions in pulse output synchronization mode
(1) Output is not guaranteed if the pulse period is 2
µs (Db to D0: 000000000001).
(2) Output is equivalent to the H time during steady-state driving (equivalent to pulse period setting) while an
acceleration/deceleration operation is performed.
(3) If the multiplication factor of the number of pulses is set to other than 1, the set number of pulses (address 5 x m)
is output.
11.2.4
Restrictions in mode in which output time is fixed to H
The output falls in synchronization with the falling of the pulse that is to be output at the same timing in the pulse
output synchronization mode.
When the last pulse is output , therefore, it rises earlier than the period of the pulse cycle (50% of pulse cycle or less)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com