Electronic Components Datasheet Search
  English  ▼

X  

UPD168113 Datasheet(PDF) 45 Page - NEC

Part # UPD168113
Description  MOS INTEGRATED CIRCUIT
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD168113 Datasheet(HTML) 45 Page - NEC

Back Button UPD168113 Datasheet HTML 41Page - NEC UPD168113 Datasheet HTML 42Page - NEC UPD168113 Datasheet HTML 43Page - NEC UPD168113 Datasheet HTML 44Page - NEC UPD168113 Datasheet HTML 45Page - NEC UPD168113 Datasheet HTML 46Page - NEC UPD168113 Datasheet HTML 47Page - NEC UPD168113 Datasheet HTML 48Page - NEC UPD168113 Datasheet HTML 49Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
Data Sheet S16423EJ2V0DS
45
µ PD168113
14. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = 25
°C, glass epoxy board of 100 mm x 100 mm x 1 mm with copper foil area
of 15%)
Parameter
Symbol
Condition
Rating
Unit
Power supply voltage
VDD
Control block
−0.5 to +6.0
V
VM
Motor block
−0.5 to +6.0
V
Input voltage
VIN
−0.5 to VDD +0.5
V
Output pin voltage
VOUT
Motor block
6.2
V
DC output current (1 ch to 6 ch)
ID(DC)
DC (during output independent operation)
±0.4
A/ch
DC output current (7 ch)
ID(DC)
DC (during output independent operation)
±0.5
A/ch
Instantaneous output current
ID(pulse)
PW < 10 ms, Duty Cycle
≤ 20%
±0.7
A/ch
(during output independent operation)
Power consumption
PT
1.0
W
Peak junction temperature
Tch(MAX)
150
°C
Storage temperature
Tstg
−55 to +150
°C
Remark The overheat protection circuit operates at Tch > 150
°C. When overheat is detected, all the circuits are
stopped. The overheat protection circuit does not operate at reset or on detection of UVLO
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions that
ensure that the absolute maximum ratings are not exceeded.
Recommended Operating Conditions (TA = 25
°C, glass epoxy board of 100 mm x 100 mm x 1 mm with copper
foil area of 15%)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Power supply voltage
VDD
Control block
2.7
3.6
V
VM
Motor block
2.7
5.5
V
Input voltage
VIN
0
VDD
V
DC output current (1 ch to 6 ch)
ID(DC)
DC (during output independent operation)
−0.3
+0.3
A/ch
DC output current (7 ch)
ID(DC)
DC (during output independent operation)
−0.4
+0.4
A/ch
Instantaneous output current
ID(pulse)
PW < 10 ms, Duty Cycle
≤ 20%
−0.6
+0.6
A/ch
(during output independent operation)
Capacitor capacitance
COSC
330
pF
External CLK input frequency
OSCIN
1
5
6
MHz
SCLK input frequency
fCLK
6
MHz
LATCH - SCLK time
fL-S
200
ns
SDATA setup time
fSETUP
80
ns
SDATA hold time
fHOLD
80
ns
EXT pin output drive current
IEXT
Buffer output
−5
5
mA
MOB pin output sink current
IMOB
Open-drain output
5
mA
Logic input frequency
fIN
IN5A, IN5B, IN6A, IN6B, IN7A, IN7B
100
kHz
Operating temperature range
TA
−10
75
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com