| Electronic Components Datasheet Search |
|
UPD168113 Datasheet(PDF) 41 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD168113 Datasheet(HTML) 41 Page - NEC |
|
41 / 50 page ![]() Data Sheet S16423EJ2V0DS 41 µ PD168113 11.10 Address C to Address F Addresses C to F are used for setting stepping motor 2 (ch3 and ch4). The settings of other than addresses Dc, Dd, De, and Df are identical to the contents of addresses 8 to B. For details, refer to 11.6 Address 8 to 11.9 Address B. Address C Bit Df De Dd Dc Db Da D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Data 1 1 0 0 0 Note 6 Note 5 Note 4 Note 3 Note 2 Note 1 Output current setting Notes 1. Motor revolution direction 4. Driving mode selection 0 2. Stop mode 5. Driving mode selection 1 3. Output enable setting 6. Constant-current changing when two-phase excitation driving or 1-2 phase excitation driving Address D MSB LSB MSB LSB Bit Df De Dd Dc Db Da D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Data 1 1 0 1 0 Note 2 Note 1 For acceleration/deceleration control Pulse multiplication factor setting Notes 1. Selects whether deceleration is valid or invalid 2. Selects whether acceleration is valid or invalid Address E MSB LSB Bit Df De Dd Dc Db Da D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Data 1 1 1 0 Pulse cycle Address F MSB LSB Bit Df De Dd Dc Db Da D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Data 1 1 1 1 Number of pulses |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |