Electronic Components Datasheet Search
  English  ▼

X  

UPD168113 Datasheet(PDF) 40 Page - NEC

Part # UPD168113
Description  MOS INTEGRATED CIRCUIT
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD168113 Datasheet(HTML) 40 Page - NEC

Back Button UPD168113 Datasheet HTML 36Page - NEC UPD168113 Datasheet HTML 37Page - NEC UPD168113 Datasheet HTML 38Page - NEC UPD168113 Datasheet HTML 39Page - NEC UPD168113 Datasheet HTML 40Page - NEC UPD168113 Datasheet HTML 41Page - NEC UPD168113 Datasheet HTML 42Page - NEC UPD168113 Datasheet HTML 43Page - NEC UPD168113 Datasheet HTML 44Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
Data Sheet S16423EJ2V0DS
40
µ PD168113
11.9 Address B
This address is used to set the number of pulses.
The actual number of pulses is set by the product to the pulse number multiplication factor and the number of pulses
sets at address 9.
MSB
LSB
Bit
Df
De
Dd
Dc
Db
Da
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Data
1
0
1
1
Number of pulses
11.9.1 Number of pulses
Set the number of pulses to drive the motor. D0 to Db can be set a pulse in a range of 0 to 4095 pulses.
If the pulse number multiplication factor is set to a value other than 1 at address 9, the number of pulses set here is
multiplied by the set multiplication factor (m).
The number of pulses is internally multiplied by (m) and then counted. If it is set to output pulses to EXT1 (EXT2 in
the case of address F), the number of counts output is the set value itself (0 to 4095 x m) .
The number of pulses indicates the number of pulses per pulse period regardless of the driving mode (micro step, 1-
2 phase excitation, or 2-phase excitation). Therefore, the number of revolutions of the motor differs depending on the
driving mode, even if the number of pulses is the same.
11.9.2 Example of pulse cycle setting
Db......D0
Set Value
000000000000
0
000000000001
m
000000000010
2 x m
:
:
111111111101
4093 x m
111111111110
4094 x m
111111111111
4095 x m
Remark m indicates the set value of the pulse number multiplication factor of address 9. If the value of the twelve-bit,
D0 to Db, is 0, no pulse is output and the driving state is maintained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com