Electronic Components Datasheet Search
  English  ▼

X  

UPD168113 Datasheet(PDF) 18 Page - NEC

Part # UPD168113
Description  MOS INTEGRATED CIRCUIT
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD168113 Datasheet(HTML) 18 Page - NEC

Back Button UPD168113 Datasheet HTML 14Page - NEC UPD168113 Datasheet HTML 15Page - NEC UPD168113 Datasheet HTML 16Page - NEC UPD168113 Datasheet HTML 17Page - NEC UPD168113 Datasheet HTML 18Page - NEC UPD168113 Datasheet HTML 19Page - NEC UPD168113 Datasheet HTML 20Page - NEC UPD168113 Datasheet HTML 21Page - NEC UPD168113 Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
Data Sheet S16423EJ2V0DS
18
µ PD168113
11. SERIAL COMMAND DETAILS
11.1 Address 0
Bit
Df
De
Dd
Dc
Db
Da
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Data
0
0
0
0
0
0
Note 4 Note 3 Note 2 Note 1
Wait setting
Notes 1. ch3, ch4 driving motor setting
3. ch6 serial/direct input mode selection
2. ch5 serial/direct input mode selection
4. ch7 serial/direct input mode selection
11.1.1 Wait value
When the stepping motor is to be controlled, counting is started from the falling of the LATCH signal and the motor is
excited when the count value reaches 0. Even if transmission of serial data is delayed by the wait value, the stepping
motor can be driven at a predetermined timing if the LATCH signal is periodically input.
Note that the wait value must not be set to 0. The wait time can be set in a range of 64 to 2048
µs with a resolution
of 32
µs using data.
11.1.2 Example of setting wait value
D5......D0
Set Value (
µs)
000000
Input prohibited
000001
64
000010
96
:
:
111101
1984
111110
2016
111111
2048
11.1.3 Definition by wait value
LATCH
Wait period
Wait 1
Wait 2
Driving mode
(microstep,
1-2 phase,
two-phase)
Driving mode
(when two-phase driving
immediately after reset)
Pulse output
Output disable
Output enable
EVR
(output current setting)
Fixed to
32 s
µ
Set value:
−32 s
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com