Electronic Components Datasheet Search
  English  ▼

X  

UPD168113 Datasheet(PDF) 6 Page - NEC

Part # UPD168113
Description  MOS INTEGRATED CIRCUIT
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD168113 Datasheet(HTML) 6 Page - NEC

Back Button UPD168113 Datasheet HTML 2Page - NEC UPD168113 Datasheet HTML 3Page - NEC UPD168113 Datasheet HTML 4Page - NEC UPD168113 Datasheet HTML 5Page - NEC UPD168113 Datasheet HTML 6Page - NEC UPD168113 Datasheet HTML 7Page - NEC UPD168113 Datasheet HTML 8Page - NEC UPD168113 Datasheet HTML 9Page - NEC UPD168113 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
Data Sheet S16423EJ2V0DS
6
µ PD168113
4. STANDARD CONNECTION EXAMPLES
(1) For external control of only ch7 when external CLK is input and two stepping motors are used
3 to 5 V
M
OUT3A
VM34
OUT3B
PGND34
OUT4A
VM34
OUT4B
VDD
OUT2B
VM12
VM12
OUT2A
OUT1B
VM6
OUT1A
PGND12
CLKB
CLK
LGND
3 V
OUT6B
VM7
OUT6A
OUT7B
OUT7A
PGND7
PGND7
OUT5B
VM5
OUT5A
PGND56
LATCH
SCLK
SDATA
RESETB
COSC
330 pF
2
Current
Sense 7
Current
Sense 4
Current
Sense 3
Current
Sense 1
Current
Sense 2
ch4
H-bridge
ch3
H-bridge
ch6
H-bridge
ch7
H-bridge
OSC
TEST
FB1
FIL1
FIL2
FB2
EXT1 EXT2 MOB1 MOB2
IN7B
IN7A
IN6A IN6B
IN5A
IN5B
FIL4
FIL3
FB3
FB4
FB7
Pre-driver
TSD
UVLO
Serial Control
Block
CPU
ch1
H-bridge
ch2
H-bridge
ch5
H-bridge
M
M
M
(2) For external control of ch5 to ch7 when crystal oscillator and one stepping motor are used
3 to 5 V
M
M
OUT3A
VM34
OUT3B
PGND34
OUT4A
VM34
OUT4B
VDD
OUT2B
VM12
VM12
OUT2A
OUT1B
VM6
OUT1A
PGND12
CLKB
CLK
LGND
3 V
OUT6B
VM7
OUT6A
OUT7B
OUT7A
PGND7
PGND7
OUT5B
VM5
OUT5A
PGND56
LATCH
SCLK
SDATA
RESETB
COSC
330 pF
6
Current
Sense 7
Current
Sense 4
Current
Sense 3
Current
Sense 1
Current
Sense 2
ch4
H-bridge
ch3
H-bridge
ch6
H-bridge
ch7
H-bridge
OSC
TEST
FB1
FIL1
FIL2
FB2
EXT1 EXT2 MOB1 MOB2
IN7B
IN7A
IN6A IN6B
IN5A
IN5B
FIL4
FIL3
FB3
FB4
FB7
Pre-driver
TSD
UVLO
Serial Control
Block
CPU
ch1
H-bridge
ch2
H-bridge
ch5
H-bridge
M
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com