Electronic Components Datasheet Search
  English  ▼

X  

UPD168113 Datasheet(PDF) 38 Page - NEC

Part # UPD168113
Description  MOS INTEGRATED CIRCUIT
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD168113 Datasheet(HTML) 38 Page - NEC

Back Button UPD168113 Datasheet HTML 34Page - NEC UPD168113 Datasheet HTML 35Page - NEC UPD168113 Datasheet HTML 36Page - NEC UPD168113 Datasheet HTML 37Page - NEC UPD168113 Datasheet HTML 38Page - NEC UPD168113 Datasheet HTML 39Page - NEC UPD168113 Datasheet HTML 40Page - NEC UPD168113 Datasheet HTML 41Page - NEC UPD168113 Datasheet HTML 42Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
Data Sheet S16423EJ2V0DS
38
µ PD168113
11.7.10 Example of acceleration/deceleration operation
(1) Acceleration valid/deceleration valid
Set pulses
Acceleration/
deceleration pulses
(2) Acceleration valid/deceleration invalid
(3) Acceleration invalid/deceleration invalid
(4) Acceleration invalid/deceleration valid
(1’) Acceleration valid/deceleration valid Note1
Set pulses
Condition: Set pulses/2 < acceleration/deceleration pulses
(2’) Acceleration valid/deceleration invalid Note2
Condition: Set pulses < acceleration/deceleration pulses
(4’) Acceleration invalid/deceleration valid Note3
Condition: Set pulses < acceleration/deceleration pulses
The left side figures in upper figures show the ideal operation waveform. If the number of set pulses is less than the
number of acceleration/deceleration control pulses, the operation as the right side figures in upper figures.
Notes 1. The deceleration operation is stared when 1/2 of the set number of pulses has been reached during the
acceleration operation. Therefore, acceleration and deceleration are always mirrored.
2. If the set number of pulses is less than the number of acceleration/deceleration control pulses during only
the acceleration operation, the operation is stopped at the pulse rate in the middle of acceleration.
3. If the set number of pulses is less than the number of acceleration/deceleration control pulses during only
the deceleration operation, the last pulse rate does not reach the target value. The set number of pulses is
output in accordance with the deceleration pulse curve, and the operation is stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com