Electronic Components Datasheet Search
  English  ▼

X  

UPD168113 Datasheet(PDF) 1 Page - NEC

Part # UPD168113
Description  MOS INTEGRATED CIRCUIT
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD168113 Datasheet(HTML) 1 Page - NEC

  UPD168113 Datasheet HTML 1Page - NEC UPD168113 Datasheet HTML 2Page - NEC UPD168113 Datasheet HTML 3Page - NEC UPD168113 Datasheet HTML 4Page - NEC UPD168113 Datasheet HTML 5Page - NEC UPD168113 Datasheet HTML 6Page - NEC UPD168113 Datasheet HTML 7Page - NEC UPD168113 Datasheet HTML 8Page - NEC UPD168113 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS INTEGRATED CIRCUIT
µ PD168113
SERIAL CONTROL 7-CHANNEL H-BRIDGE DRIVER
DATA SHEET
Document No. S16423EJ2V0DS00 (2nd edition)
Date Published April 2004 NS CP(K)
Printed in Japan
2003
The mark
shows major revised points.
DESCRIPTION
The
µ PD168113 is a serial control 7-channel H-bridge driver that consists of a CMOS controller and a MOS output
stage. It can reduce the current consumption and the voltage loss at the output stage compared with a conventional
driver using bipolar transistors, thanks to employment of a MOS process. The
µ PD168113 can drive various motor
coils by controlling the serial, so that the number of signal lines necessary for controlling the motor can be decreased.
The package is a 56-pin WQFN that helps reduce the mounting area and height.
The
µ PD168113 can be used to drive two stepping motors, or two DC motors and one coil.
FEATURES
• Seven H-bridge circuits employing power MOS FET
• Low-voltage driving
VDD = 2.7 to 3.6 V
VM = 2.7 to 5.5 V
• Output on-state resistance: 1.0 Ω TYP., 1.5 Ω MAX. (sum of top and bottom stage)
• Output current
<1 ch to 6 ch>
DC current: 0.4 A/ch (when each channel is used independently)
Peak current: 0.7 A/ch (when each channel is used independently)
<7 ch>
DC current: 0.5 A/ch (when used independently)
Peak current: 0.7 A/ch (when used independently)
• Input logic frequency: 6 MHz supported
• Undervoltage lockout circuit
Shuts down the internal circuit at VDD = 1.7 V TYP.
• Overheat protection circuit
Operates at 150°C or more and shuts down internal circuitry.
• 56-pin WQFN (□8 mm, 0.5 mm pitch)
ORDERING INFORMATION
Part Number
Package
µ PD168113K9-9B4-A
56-pin plastic WQFN (8 x 8)


Similar Part No. - UPD168113

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD168113 RENESAS-UPD168113 Datasheet
885Kb / 52P
MOS INTEGRATED CIRCUIT
2003
UPD168113K9-9B4-A RENESAS-UPD168113K9-9B4-A Datasheet
885Kb / 52P
MOS INTEGRATED CIRCUIT
2003
More results

Similar Description - UPD168113

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com