Electronic Components Datasheet Search
  English  ▼

X  

UPD168113 Datasheet(PDF) 39 Page - NEC

Part # UPD168113
Description  MOS INTEGRATED CIRCUIT
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD168113 Datasheet(HTML) 39 Page - NEC

Back Button UPD168113 Datasheet HTML 35Page - NEC UPD168113 Datasheet HTML 36Page - NEC UPD168113 Datasheet HTML 37Page - NEC UPD168113 Datasheet HTML 38Page - NEC UPD168113 Datasheet HTML 39Page - NEC UPD168113 Datasheet HTML 40Page - NEC UPD168113 Datasheet HTML 41Page - NEC UPD168113 Datasheet HTML 42Page - NEC UPD168113 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
Data Sheet S16423EJ2V0DS
39
µ PD168113
11.8 Address A
This address is used to set the pulse cycle per step (64 steps/cycle) .
MSB
LSB
Bit
Df
De
Dd
Dc
Db
Da
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Data
1
0
1
0
Pulse cycle
11.8.1 Pulse cycle
Twelve bits, D0 to Db, are used to set the pulse cycle per step.
The pulse cycle can be set in a range of 0 to 8190
µs at a resolution of 2.0 µs.
If all of the twelve-bit is 0, no pulse is output and the driving status is maintained.
The pulse period indicates the time per step regardless of the driving mode (micro step, 1-2 phase excitation, or 2-
phase excitation). Therefore, the number of revolutions of the motor differs depending on the driving mode, even if
the number of pulses is the same.
11.8.2 Example of pulse cycle setting
Db......D0
Set Value (
µs)
000000000000
0
000000000001
2.0
000000000010
4.0
:
:
111111111101
8186
111111111110
8188
111111111111
8190



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com