Electronic Components Datasheet Search
  English  ▼

X  

AD9628 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9628
Description  1.8 V Dual Analog-to-Digital Converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9628 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9628 Datasheet HTML 35Page - Analog Devices AD9628 Datasheet HTML 36Page - Analog Devices AD9628 Datasheet HTML 37Page - Analog Devices AD9628 Datasheet HTML 38Page - Analog Devices AD9628 Datasheet HTML 39Page - Analog Devices AD9628 Datasheet HTML 40Page - Analog Devices AD9628 Datasheet HTML 41Page - Analog Devices AD9628 Datasheet HTML 42Page - Analog Devices AD9628 Datasheet HTML 43Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
AD9628
Data Sheet
Rev. C | Page 40 of 42
User I/O Control 2 (Register 0x101)
Bit 7—OEB Pin Enable
If the OEB pin enable bit (Bit 7) is set (default), the OEB pin is
enabled. If Bit 7 is clear, the OEB pin is disabled.
Bits[6:1]—Open
Bit 0—SDIO Pull-Down
Bit 0 can be set to disable the internal 30 kΩ pull-down on the
SDIO pin, which can be used to limit the loading when many
devices are connected to the SPI bus.
User I/O Control 3 (Register 0x102)
Bits[7:4]—Open
Bit 3—VCM Power-Down
Bit 3 can be set high to power down the internal VCM
generator. This feature is used when applying an external
reference.
Bits[2:0]—Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com