Electronic Components Datasheet Search
  English  ▼

X  

AD9628 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9628
Description  1.8 V Dual Analog-to-Digital Converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9628 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9628 Datasheet HTML 26Page - Analog Devices AD9628 Datasheet HTML 27Page - Analog Devices AD9628 Datasheet HTML 28Page - Analog Devices AD9628 Datasheet HTML 29Page - Analog Devices AD9628 Datasheet HTML 30Page - Analog Devices AD9628 Datasheet HTML 31Page - Analog Devices AD9628 Datasheet HTML 32Page - Analog Devices AD9628 Datasheet HTML 33Page - Analog Devices AD9628 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
Data Sheet
AD9628
Rev. C | Page 29 of 42
If a low jitter clock source is not available, another option is to
ac couple a differential PECL signal to the sample clock input
pins, as shown in Figure 54. The AD9510/AD9511/AD9512/
AD9513/AD9514/AD9515/AD9516-0/AD9516-1/AD9516-2/
AD9516-3/AD9516-4/AD9516-5/AD9517-0/AD9517-1/
AD9517-2/AD9517-3/AD9517-4 clock drivers offer excellent
jitter performance.
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
240Ω
240Ω
50kΩ
50kΩ
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
ADC
AD951x
PECL DRIVER
Figure 54. Differential PECL Sample Clock (Up to 1 GHz)
A third option is to ac couple a differential LVDS signal to the
sample clock input pins, as shown in Figure 55. The AD9510/
AD9511/AD9512/AD9513/AD9514/AD9515/AD9516-0/
AD9516-1/AD9516-2/AD9516-3/AD9516-4/AD9516-5/
AD9517-0/AD9517-1/AD9517-2/AD9517-3/AD9517-4 clock
drivers offer excellent jitter performance.
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
50kΩ
50kΩ
CLK–
CLK+
ADC
CLOCK
INPUT
CLOCK
INPUT
AD951x
LVDS DRIVER
Figure 55. Differential LVDS Sample Clock (Up to 1 GHz)
In some applications, it may be acceptable to drive the sample
clock inputs with a single-ended 1.8 V CMOS signal. In such
applications, drive the CLK+ pin directly from a CMOS gate, and
bypass the CLK− pin to ground with a 0.1 μF capacitor (see
Figure 56).
OPTIONAL
100Ω
0.1µF
0.1µF
0.1µF
50Ω1
150Ω RESISTOR IS OPTIONAL.
CLK–
CLK+
ADC
VCC
1kΩ
1kΩ
CLOCK
INPUT
AD951x
CMOS DRIVER
Figure 56. Single-Ended 1.8 V CMOS Input Clock (Up to 200 MHz)
Input Clock Divider
The AD9628 contains an input clock divider with the ability
to divide the input clock by integer values between 1 and 8.
The AD9628 clock divider can be synchronized using the
external SYNC input. Bit 1 and Bit 2 of Register 0x3A allow the
clock divider to be resynchronized on every SYNC signal or
only on the first SYNC signal after the register is written. A
valid SYNC causes the clock divider to reset to its initial state.
This synchronization feature allows multiple parts to have their
clock dividers aligned to guarantee simultaneous input sampling.
Clock Duty Cycle
Typical high speed ADCs use both clock edges to generate
a variety of internal timing signals and, as a result, may be
sensitive to clock duty cycle. Commonly, a ±5% tolerance is
required on the clock duty cycle to maintain dynamic
performance characteristics.
The AD9628 contains a duty cycle stabilizer (DCS) that retimes
the nonsampling (falling) edge, providing an internal clock
signal with a nominal 50% duty cycle. This allows the user to
provide a wide range of clock input duty cycles without affecting
the performance of the AD9628. Noise and distortion perform-
ance are nearly flat for a wide range of duty cycles with the DCS
on, as shown in Figure 57.
Jitter in the rising edge of the input is still of concern and is not
easily reduced by the internal stabilization circuit. The duty
cycle control loop does not function for clock rates less than
20 MHz, nominally. The loop has a time constant associated
with it that must be considered in applications in which the
clock rate can change dynamically. A wait time of 1.5 μs to 5 μs
is required after a dynamic clock frequency increase or decrease
before the DCS loop is relocked to the input signal.
40
45
50
55
60
65
70
75
35
40
45
50
55
60
65
POSITIVE DUTY CYCLE (%)
DCS OFF
DCS ON
Figure 57. SNR vs. DCS On/Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com