Electronic Components Datasheet Search
  English  ▼

X  

AD9628 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9628
Description  1.8 V Dual Analog-to-Digital Converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9628 Datasheet(HTML) 5 Page - Analog Devices

  AD9628 Datasheet HTML 1Page - Analog Devices AD9628 Datasheet HTML 2Page - Analog Devices AD9628 Datasheet HTML 3Page - Analog Devices AD9628 Datasheet HTML 4Page - Analog Devices AD9628 Datasheet HTML 5Page - Analog Devices AD9628 Datasheet HTML 6Page - Analog Devices AD9628 Datasheet HTML 7Page - Analog Devices AD9628 Datasheet HTML 8Page - Analog Devices AD9628 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
AD9628
Data Sheet
Rev. C | Page 4 of 42
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, DCS enabled, unless
otherwise noted.
Table 1.
AD9628-105
AD9628-125
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
Full
12
12
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Offset Error
Full
−1.0
−0.3
+0.4
−1.0
−0.3
+0.4
% FSR
Gain Error
Full
0.2
±5.0
0.2
±5.0
% FSR
Differential Nonlinearity (DNL)1
Full
±0.6
±0.6
LSB
25°C
±0.25
±0.25
LSB
Integral Nonlinearity (INL)1
Full
±0.75
±0.75
LSB
25°C
±0.3
±0.3
LSB
MATCHING CHARACTERISTIC
Offset Error
Full
±0.01
±0.6
±0.01
±0.6
% FSR
Gain Error
Full
±1.0
±4.0
±1.0
±4.0
% FSR
TEMPERATURE DRIFT
Offset Error
Full
±2
±2
ppm/°C
Gain Error
Full
±50
±50
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage (1 V Mode)
Full
0.98
1.00
1.02
0.98
1.00
1.02
V
Load Regulation Error at 1.0 mA
Full
2
2
mV
INPUT REFERRED NOISE
VREF = 1.0 V
25°C
0.25
0.25
LSB rms
ANALOG INPUT
Input Span, VREF = 1.0 V
Full
2
2
V p-p
Input Capacitance2
Full
5
5
pF
Input Resistance (Differential)
Full
7.5
7.5
kΩ
Input Common-Mode Voltage
Full
0.9
0.9
V
Input Common-Mode Range
Full
0.5
1.3
0.5
1.3
V
POWER SUPPLIES
Supply Voltage
AVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
Supply Current
IAVDD1
Full
79.0
84
91.8
98
mA
IDRVDD (1.8 V CMOS)1
Full
17.0
20.0
mA
IDRVDD (1.8 V LVDS)1
Full
56.0
57.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com