Electronic Components Datasheet Search
  English  ▼

X  

AD9628 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9628
Description  1.8 V Dual Analog-to-Digital Converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9628 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9628 Datasheet HTML 2Page - Analog Devices AD9628 Datasheet HTML 3Page - Analog Devices AD9628 Datasheet HTML 4Page - Analog Devices AD9628 Datasheet HTML 5Page - Analog Devices AD9628 Datasheet HTML 6Page - Analog Devices AD9628 Datasheet HTML 7Page - Analog Devices AD9628 Datasheet HTML 8Page - Analog Devices AD9628 Datasheet HTML 9Page - Analog Devices AD9628 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
Data Sheet
AD9628
Rev. C | Page 5 of 42
AD9628-105
AD9628-125
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Unit
POWER CONSUMPTION
DC Input
Full
129
148
mW
Sine Wave Input (DRVDD = 1.8 V CMOS
Output Mode)1
Full
173
182
201
212
mW
Sine Wave Input (DRVDD = 1.8 V LVDS
Output Mode)1
Full
243
269
mW
Standby Power3
Full
108
120
mW
Power-Down Power
Full
2.0
2.0
mW
1
Measured with a low input frequency, full-scale sine wave, with approximately 5 pF loading on each output bit.
2
Input capacitance refers to the effective capacitance between one differential input pin and AGND.
3
Standby power is measured with a dc input and with the CLK± pins active (1.8 V CMOS mode).
AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, DCS enabled, unless
otherwise noted.
Table 2.
AD9628-105
AD9628-125
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Unit
SIGNAL-TO-NOISE-RATIO (SNR)
fIN = 9.7 MHz
25°C
71.6
71.5
dBFS
fIN = 30.5 MHz
25°C
71.6
71.4
dBFS
fIN = 70 MHz
25°C
71.3
71.2
dBFS
Full
70.6
70.2
dBFS
fIN = 100 MHz
25°C
71.0
70.9
dBFS
fIN = 200 MHz
25°C
69.4
69.6
dBFS
SIGNAL-TO-NOISE AND DISTORTION (SINAD)
fIN = 9.7 MHz
25°C
71.5
71.4
dBFS
fIN = 30.5 MHz
25°C
71.5
71.3
dBFS
fIN = 70 MHz
25°C
71.2
71.1
dBFS
Full
70.5
70
dBFS
fIN = 100 MHz
25°C
69.9
69.8
dBFS
fIN = 200 MHz
25°C
68.1
68.3
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 9.7 MHz
25°C
11.6
11.6
Bits
fIN = 30.5 MHz
25°C
11.6
11.6
Bits
fIN = 70 MHz
25°C
11.6
11.5
Bits
fIN = 100 MHz
25°C
11.5
11.3
Bits
fIN = 200 MHz
25°C
11.0
11.1
Bits
WORST SECOND OR THIRD HARMONIC
fIN = 9.7 MHz
25°C
−92
−92
dBc
fIN = 30.5 MHz
25°C
−90
−90
dBc
fIN = 70 MHz
25°C
−90
−93
dBc
Full
−82
−85
dBc
fIN = 100 MHz
25°C
−89
−90
dBc
fIN = 200 MHz
25°C
−83
−84
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com