Electronic Components Datasheet Search
  English  ▼

X  

AD9628 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9628
Description  1.8 V Dual Analog-to-Digital Converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9628 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9628 Datasheet HTML 23Page - Analog Devices AD9628 Datasheet HTML 24Page - Analog Devices AD9628 Datasheet HTML 25Page - Analog Devices AD9628 Datasheet HTML 26Page - Analog Devices AD9628 Datasheet HTML 27Page - Analog Devices AD9628 Datasheet HTML 28Page - Analog Devices AD9628 Datasheet HTML 29Page - Analog Devices AD9628 Datasheet HTML 30Page - Analog Devices AD9628 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
AD9628
Data Sheet
Rev. C | Page 26 of 42
Input Common Mode
The analog inputs of the AD9628 are not internally dc-biased.
Therefore, in ac-coupled applications, the user must provide a
dc bias externally. Setting the device so that VCM = AVDD/2 is
recommended for optimum performance, but the device can
function over a wider range with reasonable performance, as
shown in Figure 43.
An on-board, common-mode voltage reference is included in
the design and is available from the VCM pin. The VCM pin
must be decoupled to ground by a 0.1 μF capacitor, as described
in the Applications Information section.
0
10
20
30
40
50
60
70
80
90
100
0.50.60.70.80.91.01.11.21.3
INPUT COMMON-MODE VOLTAGE (V)
SNR (DBFS)
SFDR (DBC)
Figure 43. SNR/SFDR vs. Input Common-Mode Voltage,
fIN = 70 MHz, fS = 125 MSPS
Differential Input Configurations
Optimum performance is achieved while driving the AD9628 in a
differential input configuration. For baseband applications, the
AD8138, ADA4937-2, and ADA4938-2 differential drivers provide
excellent performance and a flexible interface to the ADC.
The output common-mode voltage of the ADA4938-2 is easily
set with the VCM pin of the AD9628 (see Figure 44), and the
driver can be configured in a Sallen-Key filter topology to
provide band limiting of the input signal.
AVDD
VIN
76.8Ω
120Ω
0.1µF
33Ω
33Ω
10pF
200Ω
200Ω
90Ω
ADA4938
ADC
VIN–x
VIN+x
VCM
Figure 44. Differential Input Configuration Using the ADA4938-2
For baseband applications below ~10 MHz where SNR is a key
parameter, differential transformer-coupling is the recommended
input configuration. An example is shown in Figure 45. To bias
the analog input, the VCM voltage can be connected to the
center tap of the secondary winding of the transformer.
2V p-p
49.9Ω
0.1µF
R
R
C
ADC
VCM
VIN+x
VIN–x
Figure 45. Differential Transformer-Coupled Configuration
The signal characteristics must be considered when selecting
a transformer. Most RF transformers saturate at frequencies
below a few megahertz (MHz). Excessive signal power can also
cause core saturation, which leads to distortion.
At input frequencies in the second Nyquist zone and above, the
noise performance of most amplifiers is not adequate to achieve
the true SNR performance of the AD9628. For applications above
~10 MHz where SNR is a key parameter, differential double balun
coupling is the recommended input configuration (see Figure 46).
An alternative to using a transformer-coupled input at frequencies
in the second Nyquist zone is to use the AD8352 differential driver.
An example is shown in Figure 47. See the AD8352 data sheet
for more information.
ADC
R
0.1µF
0.1µF
2V p-p
VCM
C
R
0.1µF
S
0.1µF
25Ω
25Ω
S
PA
P
VIN+x
VIN–x
Figure 46. Differential Double Balun Input Configuration
AD8352
0Ω
0Ω
CD
RD
RG
0.1µF
0.1µF
0.1µF
0.1µF
16
1
2
3
4
5
11
0.1µF
0.1µF
10
14
0.1µF
8, 13
VCC
200Ω
200Ω
ANALOG INPUT
ANALOG INPUT
R
R
C
ADC
VCM
VIN+x
VIN–x
Figure 47. Differential Input Configuration Using the AD8352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com