Electronic Components Datasheet Search
  English  ▼

X  

AD9628 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9628
Description  1.8 V Dual Analog-to-Digital Converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9628 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9628 Datasheet HTML 21Page - Analog Devices AD9628 Datasheet HTML 22Page - Analog Devices AD9628 Datasheet HTML 23Page - Analog Devices AD9628 Datasheet HTML 24Page - Analog Devices AD9628 Datasheet HTML 25Page - Analog Devices AD9628 Datasheet HTML 26Page - Analog Devices AD9628 Datasheet HTML 27Page - Analog Devices AD9628 Datasheet HTML 28Page - Analog Devices AD9628 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
AD9628
Data Sheet
Rev. C | Page 24 of 42
EQUIVALENT CIRCUITS
AVDD
VIN±x
Figure 34. Equivalent Analog Input Circuit
CLK+
CLK–
0.9V
15kΩ
5Ω
5Ω
15kΩ
Figure 35. Equivalent Clock Input Circuit
DRVDD
PAD
Figure 36. Equivalent Digital Output Circuit
30kΩ
30kΩ
SDIO/DCS
350Ω
AVDD
DRVDD
Figure 37. Equivalent SDIO/DCS Input Circuit
350Ω
DRVDD
30kΩ
SCLK/DFS, SYNC,
OEB, AND PDWN
Figure 38. Equivalent SCLK/DFS, SYNC, OEB, and PDWN Input Circuit
SENSE
375Ω
AVDD
Figure 39. Equivalent SENSE Circuit
30kΩ
CSB
350Ω
AVDD
DRVDD
Figure 40. Equivalent CSB Input Circuit
7.5kΩ
VREF
375Ω
AVDD
Figure 41. Equivalent VREF Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com