Electronic Components Datasheet Search
  English  ▼

X  

AD9628 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9628
Description  1.8 V Dual Analog-to-Digital Converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9628 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9628 Datasheet HTML 18Page - Analog Devices AD9628 Datasheet HTML 19Page - Analog Devices AD9628 Datasheet HTML 20Page - Analog Devices AD9628 Datasheet HTML 21Page - Analog Devices AD9628 Datasheet HTML 22Page - Analog Devices AD9628 Datasheet HTML 23Page - Analog Devices AD9628 Datasheet HTML 24Page - Analog Devices AD9628 Datasheet HTML 25Page - Analog Devices AD9628 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
Data Sheet
AD9628
Rev. C | Page 21 of 42
0
500
1000
1500
2000
2500
3000
3500
4000
–1.0
–0.5
0
0.5
1.0
OUTPUT CODE
Figure 20. DNL Error with fIN = 9.7 MHz
0
100
200
300
400
500
600
700
800
900
N – 2
N – 1
N
N + 1
N + 2
OUTPUT CODE
Figure 21. Shorted Input Histogram
0
500
1000
1500
2000
2500
3000
3500
4000
–1.0
–0.5
0
0.5
1.0
OUTPUT CODE
Figure 22. INL Error with fIN = 9.7 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com