Electronic Components Datasheet Search
  English  ▼

X  

AD9628 Datasheet(PDF) 42 Page - Analog Devices

Part # AD9628
Description  1.8 V Dual Analog-to-Digital Converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9628 Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9628 Datasheet HTML 35Page - Analog Devices AD9628 Datasheet HTML 36Page - Analog Devices AD9628 Datasheet HTML 37Page - Analog Devices AD9628 Datasheet HTML 38Page - Analog Devices AD9628 Datasheet HTML 39Page - Analog Devices AD9628 Datasheet HTML 40Page - Analog Devices AD9628 Datasheet HTML 41Page - Analog Devices AD9628 Datasheet HTML 42Page - Analog Devices AD9628 Datasheet HTML 43Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 43 page
background image
Data Sheet
AD9628
Rev. C | Page 41 of 42
APPLICATIONS INFORMATION
DESIGN GUIDELINES
Before starting design and layout of the AD9628 as a system,
it is recommended that the designer become familiar with these
guidelines, which discuss the special circuit connections and
layout requirements that are needed for certain pins.
Power and Ground Recommendations
When connecting power to the AD9628, it is recommended that
two separate 1.8 V supplies be used. Use one supply for analog
(AVDD); use a separate supply for the digital outputs (DRVDD).
For both AVDD and DRVDD, several different decoupling capa-
citors should be used to cover both high and low frequencies.
Place these capacitors close to the point of entry at the PCB level
and close to the pins of the part, with minimal trace length.
A single PCB ground plane should be sufficient when using the
AD9628. With proper decoupling and smart partitioning of the
PCB analog, digital, and clock sections, optimum performance
is easily achieved.
LVDS Operation
The AD9628 defaults to CMOS output mode on power-up.
If LVDS operation is desired, this mode must be programmed,
using the SPI configuration registers after power-up. When the
AD9628 powers up in CMOS mode with LVDS termination
resistors (100 Ω) on the outputs, the DRVDD current can be
higher than the typical value until the part is placed in LVDS
mode. This additional DRVDD current does not cause damage
to the AD9628, but it should be taken into account when consid-
ering the maximum DRVDD current for the part.
To avoid this additional DRVDD current, the AD9628 outputs
can be disabled at power-up by taking the PDWN pin high.
After the part is placed into LVDS mode via the SPI port, the
PDWN pin can be taken low to enable the outputs.
Clock Stability Considerations
When powered on, the AD9628 enters an initialization phase
during which an internal state machine sets up the biases and
the registers for proper operation. During the initialization
process, the AD9628 needs a stable clock. If the ADC clock
source is not present or not stable during ADC power-up, it
disrupts the state machine and causes the ADC to start up in an
unknown state. To correct this, an initialization sequence must
be reinvoked after the ADC clock is stable by issuing a digital
reset via Register 0x08. In the default configuration (internal
VREF, ac-coupled input) where VREF and VCM are supplied by the
ADC itself, a stable clock during power-up is sufficient. In the
case where VREF and/or VCM are supplied by an external source,
these, too, must be stable at power-up; otherwise, a subsequent
digital reset via Register 0x08 is needed. Interruption of the
sample clock during operation and changes in sample rate also
necessitate a digital reset.
The pseudo code sequence for a digital reset is as follows:
SPI_Write (0x08, 0x03);
# Digital Reset
SPI_Write (0x08, 0x00);
# Can be asserted
as soon as the next SPI cycle, normal
operation resumes after 2.9e6 sample clock
cycles, ADC outputs 0s until the reset is
complete.
Exposed Paddle Thermal Heat Slug Recommendations
It is mandatory that the exposed paddle on the underside of the
ADC be connected to analog ground (AGND) to achieve the
best electrical and thermal performance. A continuous, exposed
(no solder mask) copper plane on the PCB should mate to the
AD9628 exposed paddle, Pin 0.
The copper plane should have several vias to achieve the lowest
possible resistive thermal path for heat dissipation to flow through
the bottom of the PCB. These vias should be filled or plugged to
prevent solder wicking through the vias, which can compromise
the connection.
To maximize the coverage and adhesion between the ADC and
the PCB, a silkscreen should be overlaid to partition the continuous
plane on the PCB into several uniform sections. This provides
several tie points between the ADC and the PCB during the reflow
process. Using one continuous plane with no partitions guarantees
only one tie point between the ADC and the PCB. For detailed
information about packaging and PCB layout of chip scale
packages, see the AN-772 Application Note, A Design and
Manufacturing Guide for the Lead Frame Chip Scale Package
(LFCSP).
VCM
The VCM pin should be decoupled to ground with a 0.1 μF
capacitor.
Reference Decoupling
The VREF pin should be externally decoupled to ground with
a low ESR, 1.0 μF capacitor in parallel with a low ESR, 0.1 μF
ceramic capacitor.
SPI Port
The SPI port should not be active during periods when the full
dynamic performance of the converter is required. Because the
SCLK, CSB, and SDIO signals are typically asynchronous to the
ADC clock, noise from these signals can degrade converter
performance. If the on-board SPI bus is used for other devices,
it may be necessary to provide buffers between this bus and the
AD9628 to keep these signals from transitioning at the converter
inputs during critical sampling periods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com