Electronic Components Datasheet Search
  English  ▼

X  

AD9634 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9634
Description  1.8 V Analog-to-Digital Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9634 Datasheet(HTML) 1 Page - Analog Devices

  AD9634 Datasheet HTML 1Page - Analog Devices AD9634 Datasheet HTML 2Page - Analog Devices AD9634 Datasheet HTML 3Page - Analog Devices AD9634 Datasheet HTML 4Page - Analog Devices AD9634 Datasheet HTML 5Page - Analog Devices AD9634 Datasheet HTML 6Page - Analog Devices AD9634 Datasheet HTML 7Page - Analog Devices AD9634 Datasheet HTML 8Page - Analog Devices AD9634 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
12-Bit, 170 MSPS/210 MSPS/250 MSPS,
1.8 V Analog-to-Digital Converter
Data Sheet
AD9634
FEATURES
SNR = 69.7 dBFS at 185 MHz AIN and 250 MSPS
SFDR = 87 dBc at 185 MHz AIN and 250 MSPS
−150.6 dBFS/Hz input noise at 185 MHz, −1 dBFS AIN and
250 MSPS
Total power consumption: 360 mW at 250 MSPS
1.8 V supply voltages
LVDS (ANSI-644 levels) outputs
Integer 1-to-8 input clock divider (625 MHz maximum input)
Sample rates of up to 250 MSPS
Internal ADC voltage reference
Flexible analog input range
1.4 V p-p to 2.0 V p-p (1.75 V p-p nominal)
ADC clock duty cycle stabilizer
Serial port control
Energy-saving power-down modes
APPLICATIONS
Communications
Diversity radio systems
Multimode digital receivers (3G)
TD-SCDMA, WiMAX, W-CDMA, CDMA2000, GSM, EDGE, LTE
I/Q demodulation systems
Smart antenna systems
General-purpose software radios
Ultrasound equipment
Broadband data applications
FUNCTIONAL BLOCK DIAGRAM
12
REFERENCE
SERIAL PORT
SCLK
SDIO
CSB
CLK+
CLK–
1-TO-8
CLOCK DIVIDER
AD9634
VIN+
D0±/D1±
D10±/D11±
DCO±
OR±
VIN–
VCM
AVDD
AGND
DRVDD
.
.
.
PARALLEL
DDR LVDS
AND
DRIVERS
PIPELINE
12-BIT
ADC
Figure 1.
GENERAL DESCRIPTION
The AD9634 is a 12-bit, analog-to-digital converter (ADC) with
sampling speeds of up to 250 MSPS. The AD9634 is designed to
support communications applications where low cost, small size,
wide bandwidth, and versatility are desired.
The ADC core features a multistage, differential pipelined
architecture with integrated output error correction logic. The
ADC features wide bandwidth inputs that can support a variety
of user-selectable input ranges. An integrated voltage reference
eases design considerations. A duty cycle stabilizer (DCS) is
provided to compensate for variations in the ADC clock duty cycle,
allowing the converter to maintain excellent performance.
The ADC output data are routed directly to the external 12-bit
LVDS output port.
Flexible power-down options allow significant power savings,
when desired.
Programming for setup and control is accomplished using a
3-wire, SPI-compatible serial interface.
The AD9634 is available in a 32-lead LFCSP and is specified over
the industrial temperature range of −40°C to +85°C. This product
is protected by a U.S. patent.
PRODUCT HIGHLIGHTS
1. Integrated 12-bit, 170 MSPS/210 MSPS/250 MSPS ADC.
2. Fast overrange and threshold detect.
3. Proprietary differential input maintains excellent SNR
performance for input frequencies of up to 350 MHz.
4. 3-pin, 1.8 V SPI port for register programming and readback.
5. Pin compatibility with the AD9642, allowing a simple
migration up to 14 bits, and with the AD6672.
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - AD9634

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9634 AD-AD9634 Datasheet
1Mb / 32P
12-Bit, 170 MSPS/210 MSPS/250 MSPS
REV. 0
AD9634-170EBZ AD-AD9634-170EBZ Datasheet
1Mb / 32P
12-Bit, 170 MSPS/210 MSPS/250 MSPS
REV. 0
AD9634-210EBZ AD-AD9634-210EBZ Datasheet
1Mb / 32P
12-Bit, 170 MSPS/210 MSPS/250 MSPS
REV. 0
AD9634-250EBZ AD-AD9634-250EBZ Datasheet
1Mb / 32P
12-Bit, 170 MSPS/210 MSPS/250 MSPS
REV. 0
AD9634BCPZ-170 AD-AD9634BCPZ-170 Datasheet
1Mb / 32P
12-Bit, 170 MSPS/210 MSPS/250 MSPS
REV. 0
More results

Similar Description - AD9634

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9681 AD-AD9681_17 Datasheet
1Mb / 41P
1.8 V Analog-to-Digital Converter
Rev. C
AD9257 AD-AD9257_17 Datasheet
1Mb / 41P
1.8 V Analog-to-Digital Converter
Rev. A
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
1.8 V Analog-to-Digital Converter
Rev. B
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
1.8 V Analog-to-Digital Converter
23-Feb-2017
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
1.8 V Analog-to-Digital Converter
09-Jun-2017
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
1.8 V Analog-to-Digital Converter
Rev. 0
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
1.8 V Analog-to-Digital Converter
Rev. 0
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
1.8 V Analog-to-Digital Converter
Rev. 0
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
1.8 V Analog-to-Digital Converter
Rev. 0
AD9246 AD-AD9246_17 Datasheet
1,007Kb / 45P
1.8 V Analog-to-Digital Converter
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com