Electronic Components Datasheet Search
  English  ▼

X  

AD9634 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9634
Description  1.8 V Analog-to-Digital Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9634 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9634 Datasheet HTML 10Page - Analog Devices AD9634 Datasheet HTML 11Page - Analog Devices AD9634 Datasheet HTML 12Page - Analog Devices AD9634 Datasheet HTML 13Page - Analog Devices AD9634 Datasheet HTML 14Page - Analog Devices AD9634 Datasheet HTML 15Page - Analog Devices AD9634 Datasheet HTML 16Page - Analog Devices AD9634 Datasheet HTML 17Page - Analog Devices AD9634 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Data Sheet
AD9634
0
–20
–40
–60
–80
–100
–120
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
–90.0 –81.7 –73.4 –65.1 –56.8 –48.5 –40.2 –31.9 –23.6 –15.3 –7.0
Figure 10. AD9634-170 Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with
fIN1 = 89.12 MHz, fIN2 = 92.12 MHz, fS = 170 MSPS
–90.0 –81.7 –73.4 –65.1 –56.8 –48.5 –40.2 –31.9 –23.6 –15.3 –7.0
0
–20
–40
–60
–80
–100
–120
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
Figure 11. AD9634-170 Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN)
with fIN1 = 184.12 MHz, fIN2 = 187.12 MHz, fS = 170 MSPS
0
–140
–120
–100
–80
–60
–40
–20
0
80
70
60
50
40
30
20
10
FREQUENCY (MHz)
170MSPS
89.12MHz @ –7.0dBFS
92.12MHz @ –7.0dBFS
SFDR = 89dBc (96dBFS)
Figure 12. AD9634-170 Two-Tone FFT with fIN1 = 89.12 MHz, fIN2 = 92.12 MHz
0
–140
–120
–100
–80
–60
–40
–20
0
80
70
60
50
40
30
20
10
FREQUENCY (MHz)
170MSPS
184.12MHz @ –7.0dBFS
187.12MHz @ –7.0dBFS
SFDR = 85dBc (92dBFS)
Figure 13. AD9634-170 Two Tone FFT with fIN1 = 184.12 MHz, fIN2 = 187.12 MHz
100
95
90
85
80
75
70
65
40
50
60
70
80
90 100 110 120 130 140 150 160 170
SAMPLE RATE (MSPS)
SNR
SFDR
Figure 14. AD9634-170 Single-Tone SNR/SFDR vs. Sample Rate (fS)
with fIN = 90 MHz
14000
12000
10000
8000
6000
4000
2000
0
OUTPUT CODE
0.531 LSB rms
16,384 TOTAL HITS
N – 1
N
N + 1
Figure 15. AD9634-170 Grounded Input Histogram, fS = 170 MSPS
Rev. B | Page 13 of 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com