Electronic Components Datasheet Search
  English  ▼

X  

AD9634 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9634
Description  1.8 V Analog-to-Digital Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9634 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9634 Datasheet HTML 20Page - Analog Devices AD9634 Datasheet HTML 21Page - Analog Devices AD9634 Datasheet HTML 22Page - Analog Devices AD9634 Datasheet HTML 23Page - Analog Devices AD9634 Datasheet HTML 24Page - Analog Devices AD9634 Datasheet HTML 25Page - Analog Devices AD9634 Datasheet HTML 26Page - Analog Devices AD9634 Datasheet HTML 27Page - Analog Devices AD9634 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Data Sheet
AD9634
POWER DISSIPATION AND STANDBY MODE
As shown in Figure 57, the power dissipated by the AD9634 is
proportional to its sample rate. The data in Figure 57 was taken
using the same operating conditions as those used for the Typical
Performance Characteristics section.
0.4
0.3
0.2
0.1
0
0.25
0.20
0.15
0.10
0.05
0
40
55
70
85 100 115 130 145 160 175 190 205 220 235 250
ENCODE FREQUENCY (MSPS)
TOTAL POWER
IAVDD
IDRVDD
Figure 57. AD9634-250 Power and Current vs. Sample Rate
By setting the internal power-down mode bits (Bits[1:0]) in the
power modes register (Address 0x08) to 01, the AD9634 is placed
in power-down mode. In this state, the ADC typically dissipates
5 mW. During power-down, the output drivers are placed in a
high impedance state.
Low power dissipation in power-down mode is achieved by
shutting down the reference, reference buffer, biasing networks,
and clock. Internal capacitors are discharged when entering power-
down mode and then must be recharged when returning to
normal operation. As a result, wake-up time is related to the
time spent in power-down mode, and shorter power-down
cycles result in proportionally shorter wake-up times.
When using the SPI port interface, the user can place the ADC
in power-down mode or standby mode. Standby mode allows
the user to keep the internal reference circuitry powered when
faster wake-up times are required. To put the part into standby
mode, set the internal power-down mode bits (Bits[1:0]) in the
power modes register (Address 0x08) to 10. See the Memory
Map section and AN-877 Application Note, Interfacing to High
Speed ADCs via SPI for additional details.
DIGITAL OUTPUTS
The AD9634 output drivers can be configured for either ANSI
LVDS or reduced swing LVDS using a 1.8 V DRVDD supply.
As detailed in the AN-877 Application Note, Interfacing to High
Speed ADCs via SPI, the data format can be selected for offset
binary, twos complement, or gray code when using the SPI
control.
Digital Output Enable Function (OEB)
The AD9634 has a flexible three-state ability for the digital output
pins. The three-state mode is enabled using the SPI interface.
The data outputs can be three-stated by using the output enable
bar bit (Bit 4) in Register 0x14. This OEB function is not intended
for rapid access to the data bus.
Timing
The AD9634 provides latched data with a pipeline delay of 10 input
sample clock cycles. Data outputs are available one propagation
delay (tPD) after the rising edge of the clock signal.
Minimize the length of the output data lines as well as the loads
placed on these lines to reduce transients within the AD9634.
These transients may degrade converter dynamic performance.
The lowest typical conversion rate of the AD9634 is 40 MSPS. At
clock rates below 40 MSPS, dynamic performance can degrade.
Data Clock Output (DCO)
The AD9634 also provides the data clock output (DCO) intended
for capturing the data in an external register. Figure 2 shows
timing diagram of the AD9634 output modes.
ADC OVERRANGE (OR)
The ADC overrange indicator is asserted when an overrange is
detected on the input of the ADC. The overrange condition is
determined at the output of the ADC pipeline and, therefore, is
subject to a latency of 10 ADC clock cycles. An overrange at the
input is indicated by this bit 10 clock cycles after it occurs.
Table 10. Output Data Format
Input (V)
VIN+ − VIN−, Input Span = 1.75 V p-p (V)
Offset Binary Output Mode
Twos Complement Mode (Default)
OR
VIN+ − VIN−
< −0.875
0000 0000 0000
1000 0000 0000
1
VIN+ − VIN−
= −0.875
0000 0000 0000
1000 0000 0000
0
VIN+ − VIN−
= 0
1000 0000 0000
0000 0000 0000
0
VIN+ − VIN−
= +0.875
1111 1111 1111
0111 1111 1111
0
VIN+ − VIN−
> +0.875
1111 1111 1111
0111 1111 1111
1
Rev. B | Page 23 of 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com