Electronic Components Datasheet Search
  English  ▼

X  

AD9634 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9634
Description  1.8 V Analog-to-Digital Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9634 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9634 Datasheet HTML 7Page - Analog Devices AD9634 Datasheet HTML 8Page - Analog Devices AD9634 Datasheet HTML 9Page - Analog Devices AD9634 Datasheet HTML 10Page - Analog Devices AD9634 Datasheet HTML 11Page - Analog Devices AD9634 Datasheet HTML 12Page - Analog Devices AD9634 Datasheet HTML 13Page - Analog Devices AD9634 Datasheet HTML 14Page - Analog Devices AD9634 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
AD9634
Data Sheet
Rev. B | Page 10 of 30
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
24 CSB
23 SCLK
22 SDIO
21 DCO+
20 DCO–
19 D10+/D11+ (MSB)
18 D10–/D11– (MSB)
17 DRVDD
1
2
3
4
5
6
7
8
CLK+
CLK–
AVDD
OR–
OR+
D0–/D1– (LSB)
D0+/D1+ (LSB)
DRVDD
AD9634
TOP VIEW
(Not to Scale)
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED THERMAL PADDLE ON THE BOTTOM OF THE PACKAGE
PROVIDES THE ANALOG GROUND FOR THE PART. THIS EXPOSED
PADDLE MUST BE CONNECTED TO GROUND FOR PROPER OPERATION.
Figure 3. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
ADC Power Supplies
8, 17
DRVDD
Supply
Digital Output Driver Supply (1.8 V Nominal).
3, 27, 28, 31, 32
AVDD
Supply
Analog Power Supply (1.8 V Nominal).
0
AGND, Exposed
Paddle
Ground
Analog Ground. The exposed thermal paddle on the bottom of the
package provides the analog ground for the part. This exposed paddle
must be connected to ground for proper operation.
25
DNC
Do No Connect. Do not connect to this pin.
ADC Analog
30
VIN+
Input
Differential Analog Input Pin (+).
29
VIN−
Input
Differential Analog Input Pin (−).
26
VCM
Output
Common-Mode Level Bias Output for Analog Inputs. This pin should be
decoupled to ground using a 0.1 μF capacitor.
1
CLK+
Input
ADC Clock Input—True.
2
CLK−
Input
ADC Clock Input—Complement.
Digital Outputs
5
OR+
Output
Overrange—True.
4
OR−
Output
Overrange—Complement.
7
D0+/D1+ (LSB)
Output
DDR LVDS Output Data 0/Data 1—True (LSB).
6
D0−/D1− (LSB)
Output
DDR LVDS Output Data 0/Data 1—Complement (LSB).
10
D2+/D3+
Output
DDR LVDS Output Data 2/Data 3—True.
9
D2−/D3−
Output
DDR LVDS Output Data 2/Data 3—Complement.
12
D4+/D5+
Output
DDR LVDS Output Data 4/Data 5—True.
11
D4−/D5−
Output
DDR LVDS Output Data 4/Data 5—Complement.
14
D6+/D7+
Output
DDR LVDS Output Data 6/Data 7—True.
13
D6−/D7−
Output
DDR LVDS Output Data 6/Data 7—Complement.
16
D8+/D9+
Output
DDR LVDS Output Data 8/Data 9—True.
15
D8−/D9−
Output
DDR LVDS Output Data 8/Data 9—Complement.
19
D10+/D11+ (MSB)
Output
DDR LVDS Output Data 10/Data 11—True (MSB).
18
D10−/ D11− (MSB)
Output
DDR LVDS Output Data 10/Data 11—Complement (MSB).
21
DCO+
Output
LVDS Data Clock Output—True.
20
DCO−
Output
LVDS Data Clock Output—Complement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com