Electronic Components Datasheet Search
  English  ▼

X  

AD9634 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9634
Description  1.8 V Analog-to-Digital Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9634 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9634 Datasheet HTML 8Page - Analog Devices AD9634 Datasheet HTML 9Page - Analog Devices AD9634 Datasheet HTML 10Page - Analog Devices AD9634 Datasheet HTML 11Page - Analog Devices AD9634 Datasheet HTML 12Page - Analog Devices AD9634 Datasheet HTML 13Page - Analog Devices AD9634 Datasheet HTML 14Page - Analog Devices AD9634 Datasheet HTML 15Page - Analog Devices AD9634 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Data Sheet
AD9634
Rev. B | Page 11 of 30
Pin No.
Mnemonic
Type
Description
SPI Control
23
SCLK
Input
SPI Serial Clock.
22
SDIO
Input/Output
SPI Serial Data I/O.
24
CSB
Input
SPI Chip Select (Active Low).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com