Electronic Components Datasheet Search
  English  ▼

X  

AD9634 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9634
Description  1.8 V Analog-to-Digital Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9634 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9634 Datasheet HTML 14Page - Analog Devices AD9634 Datasheet HTML 15Page - Analog Devices AD9634 Datasheet HTML 16Page - Analog Devices AD9634 Datasheet HTML 17Page - Analog Devices AD9634 Datasheet HTML 18Page - Analog Devices AD9634 Datasheet HTML 19Page - Analog Devices AD9634 Datasheet HTML 20Page - Analog Devices AD9634 Datasheet HTML 21Page - Analog Devices AD9634 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Data Sheet
AD9634
–90.0 –81.7 –73.4 –65.1 –56.8 –48.5 –40.2 –31.9 –23.6 –15.3 –7.0
0
–20
–40
–60
–80
–100
–120
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
Figure 34. AD9634-250 Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with
fIN1 = 89.12 MHz, fIN2 = 92.12 MHz, fS = 250 MSPS
–90.0 –81.7 –73.4 –65.1 –56.8 –48.5 –40.2 –31.9 –23.6 –15.3 –7.0
0
–20
–40
–60
–80
–100
–120
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
Figure 35. AD9634-250 Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN)
with fIN1 = 184.12 MHz, fIN2 = 187.12 MHz, fS = 250 MSPS
0
–140
–120
–100
–80
–60
–40
–20
0
125
100
75
50
25
FREQUENCY (MHz)
250MSPS
89.12MHz @ –7.0dBFS
92.12MHz @ –7.0dBFS
SFDR = 88dBc (95dBFS)
Figure 36. AD9634-250 Two-Tone FFT with fIN1 = 89.12 MHz, fIN2 = 92.12 MHz
0
–140
–120
–100
–80
–60
–40
–20
0
125
100
75
50
25
FREQUENCY (MHz)
250MSPS
184.12MHz @ –7.0dBFS
187.12MHz @ –7.0dBFS
SFDR = 88dBc (95dBFS)
Figure 37. AD9634-250 Two Tone FFT with fIN1 = 184.12 MHz, fIN2 = 187.12 MHz
100
95
90
85
80
75
70
65
40
60
80
100
120
140
160
180
200
220
240
260
SAMPLE RATE (MSPS)
SNR
SFDR
Figure 38. AD9634-250 Single-Tone SNR/SFDR vs. Sample Rate (fS)
with fIN = 90 MHz
16000
14000
12000
10000
8000
6000
4000
2000
0
OUTPUT CODE
0.407 LSB rms
16,384 TOTAL HITS
N – 1
N
N + 1
Figure 39. AD9634-250 Grounded Input Histogram, fS = 250 MSPS
Rev. B | Page 17 of 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com