Electronic Components Datasheet Search
  English  ▼

X  

AD9634 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9634
Description  1.8 V Analog-to-Digital Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9634 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9634 Datasheet HTML 13Page - Analog Devices AD9634 Datasheet HTML 14Page - Analog Devices AD9634 Datasheet HTML 15Page - Analog Devices AD9634 Datasheet HTML 16Page - Analog Devices AD9634 Datasheet HTML 17Page - Analog Devices AD9634 Datasheet HTML 18Page - Analog Devices AD9634 Datasheet HTML 19Page - Analog Devices AD9634 Datasheet HTML 20Page - Analog Devices AD9634 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
AD9634
Data Sheet
0
–140
–120
–100
–80
–60
–40
–20
0
125
100
75
50
25
SECOND
HARMONIC
THIRD
HARMONIC
FREQUENCY (MHz)
250MSPS
90.1MHz @ –1.0dBFS
SNR = 69.0dB (70.0dBFS)
SFDR = 89dBc
Figure 28. AD9634-250 Single-Tone FFT with fIN = 90.1 MHz
0
–140
–120
–100
–80
–60
–40
–20
0
125
100
75
50
25
SECOND
HARMONIC
THIRD
HARMONIC
FREQUENCY (MHz)
250MSPS
185.1MHz @ –1.0dBFS
SNR = 68.7dB (69.7dBFS)
SFDR = 87dBc
Figure 29. AD9634-250 Single-Tone FFT with fIN = 185.1 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
25
50
75
100
125
FREQUENCY (MHz)
250MSPS
220.1MHz @ –1.0dBFS
SNR = 68.3dB (69.3dBFS)
SFDR = 91dBc
SECOND
HARMONIC
THIRD
HARMONIC
Figure 30. AD9634-250 Single-Tone FFT with fIN = 220.1 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
25
50
75
100
125
FREQUENCY (MHz)
250MSPS
305.1MHz @ –1.0dBFS
SNR = 67.4dB (68.4dBFS)
SFDR = 82dBc
SECOND
HARMONIC
THIRD
HARMONIC
Figure 31. AD9634-250 Single-Tone FFT with fIN = 305.1 MHz
120
0
20
40
60
80
100
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBFS)
SNR (dBFS)
SFDR (dBc)
SNR (dBc)
SFDR (dBFS)
Figure 32. AD9634-250 Single-Tone SNR/SFDR vs. Input Amplitude (AIN) with
fIN = 90.1 MHz, fS = 250 MSPS
100
95
90
85
80
75
70
65
60
60
90
120
150
180
210
240
270
300
330
INPUT FREQUENCY (MHz)
SNR (dBFS)
SFDR (dBc)
Figure 33. AD9634-250 Single-Tone SNR/SFDR vs. Input Frequency (fIN),
fS = 250 MSPS
Rev. B | Page 16 of 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com