Electronic Components Datasheet Search
  English  ▼

X  

AD9634 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9634
Description  1.8 V Analog-to-Digital Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9634 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9634 Datasheet HTML 12Page - Analog Devices AD9634 Datasheet HTML 13Page - Analog Devices AD9634 Datasheet HTML 14Page - Analog Devices AD9634 Datasheet HTML 15Page - Analog Devices AD9634 Datasheet HTML 16Page - Analog Devices AD9634 Datasheet HTML 17Page - Analog Devices AD9634 Datasheet HTML 18Page - Analog Devices AD9634 Datasheet HTML 19Page - Analog Devices AD9634 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Data Sheet
AD9634
–90.0 –81.7 –73.4 –65.1 –56.8 –48.5 –40.2 –31.9 –23.6 –15.3 –7.0
0
–20
–40
–60
–80
–100
–120
SFDR (dBc)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
INPUT AMPLITUDE (dBFS)
Figure 22. AD9634-210 Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with
fIN1 = 89.12 MHz, fIN2 = 92.12 MHz, fS = 210 MSPS
–90.0 –81.7 –73.4 –65.1 –56.8 –48.5 –40.2 –31.9 –23.6 –15.3 –7.0
0
–20
–40
–60
–80
–100
–120
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
Figure 23. AD9634-210 Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with
fIN1 = 184.12 MHz, fIN2 = 187.12 MHz, fS = 210 MSPS
0
–140
–120
–100
–80
–60
–40
–20
0
105
90
75
60
45
30
15
FREQUENCY (MHz)
210MSPS
89.12MHz @ –7.0dBFS
92.12MHz @ –7.0dBFS
SFDR = 88dBc (95dBFS)
Figure 24. AD9634-210 Two-Tone FFT with fIN1 = 89.12 MHz, fIN2 = 92.12 MHz
0
–140
–120
–100
–80
–60
–40
–20
FREQUENCY (MHz)
210MSPS
184.12MHz @ –7.0dBFS
187.12MHz @ –7.0dBFS
SFDR = 89dBc (96dBFS)
0
105
90
75
60
45
30
15
Figure 25. AD9634-210 Two Tone FFT with fIN1 = 184.12 MHz, fIN2 = 187.12 MHz
100
95
90
85
80
75
70
65
40
50
60
70
80
90 100 110 120 130
150
170
190
210
140
160
180
200
SAMPLE RATE (MSPS)
SNR
SFDR
Figure 26. AD9634-210 Single-Tone SNR/SFDR vs. Sample Rate (fS) with
fIN = 90 MHz
16000
14000
12000
10000
8000
6000
4000
2000
0
OUTPUT CODE
0.391 LSB rms
16,384 TOTAL HITS
N – 1
N
N + 1
Figure 27. AD9634-210 Grounded Input Histogram, fS = 210 MSPS
Rev. B | Page 15 of 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com