Electronic Components Datasheet Search
  English  ▼

X  

AD9634 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9634
Description  1.8 V Analog-to-Digital Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9634 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9634 Datasheet HTML 23Page - Analog Devices AD9634 Datasheet HTML 24Page - Analog Devices AD9634 Datasheet HTML 25Page - Analog Devices AD9634 Datasheet HTML 26Page - Analog Devices AD9634 Datasheet HTML 27Page - Analog Devices AD9634 Datasheet HTML 28Page - Analog Devices AD9634 Datasheet HTML 29Page - Analog Devices AD9634 Datasheet HTML 30Page - Analog Devices AD9634 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
AD9634
Data Sheet
MEMORY MAP
READING THE MEMORY MAP REGISTER TABLE
Each row in the memory map register table has eight bit
locations. The memory map is roughly divided into three
sections: the chip configuration registers (Address 0x00 to
Address 0x02), the transfer register (Address 0xFF), and the
ADC functions registers (Address 0x08 to Address 0x20),
including setup, control, and test.
The memory map register table (Table 13) documents the
default hexadecimal value for each hexadecimal address shown.
The Bit 7 (MSB) column is the start of the default hexadecimal
value given. For example, Address 0x14, the output mode register,
has a hexadecimal default value of 0x01. This means that Bit 0 = 1
and the remaining bits are 0s. This setting is the default output
format value, which is twos complement. For more information
on this function and others, see the AN-877 Application Note,
Interfacing to High Speed ADCs via SPI. This document details
the functions controlled by Register 0x00 to Register 0x20.
Open Locations
All address and bit locations that are not included in Table 13
are not currently supported for this device. Write 0s to unused
bits of a valid address location. Writing to these locations is
required only when part of an address location is open (for
example, Address 0x18). If the entire address location is open
(for example, Address 0x13), do not write to this address location.
Default Values
After the AD9634 is reset, critical registers are loaded with
default values. The default values for the registers are given in
the memory map register table (see Table 13).
Logic Levels
An explanation of logic level terminology follows:
•
“Bit is set” is synonymous with “bit is set to Logic 1” or
“writing Logic 1 for the bit.”
•
“Clear a bit” is synonymous with “bit is set to Logic 0” or
“writing Logic 0 for the bit.”
Transfer Register Map
Address 0x08 to Address 0x20 are shadowed. Writes to these
addresses do not affect part operation until a transfer command is
issued by writing 0x01 to Address 0xFF, setting the transfer bit. This
allows these registers to be updated internally and simultaneously
when the transfer bit is set. The internal update takes place
when the transfer bit is set, and then the bit autoclears.
Rev. B | Page 26 of 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com