Electronic Components Datasheet Search
  English  ▼

X  

AD9634 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9634
Description  1.8 V Analog-to-Digital Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9634 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9634 Datasheet HTML 19Page - Analog Devices AD9634 Datasheet HTML 20Page - Analog Devices AD9634 Datasheet HTML 21Page - Analog Devices AD9634 Datasheet HTML 22Page - Analog Devices AD9634 Datasheet HTML 23Page - Analog Devices AD9634 Datasheet HTML 24Page - Analog Devices AD9634 Datasheet HTML 25Page - Analog Devices AD9634 Datasheet HTML 26Page - Analog Devices AD9634 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
AD9634
Data Sheet
Rev. B | Page 22 of 30
A third option is to ac couple a differential LVDS signal to the
sample clock input pins, as shown in Figure 55. The AD9510,
AD9511, AD9512, AD9513, AD9514, AD9515, AD9516, AD9517,
AD9518, AD9520, AD9522, AD9523, AD9524 clock drivers offer
excellent jitter performance.
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
50kΩ
50kΩ
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
AD95xx
LVDS DRIVER
ADC
Figure 55. Differential LVDS Sample Clock (Up to 625 MHz)
Input Clock Divider
The AD9634 contains an input clock divider with the ability to
divide the input clock by integer values between 1 and 8. For
divide ratios other than 1, the DCS is enabled by default on
power-up.
Clock Duty Cycle
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals and, as a result, may be sensitive to
clock duty cycle. Commonly, a ±5% tolerance is required on the
clock duty cycle to maintain dynamic performance characteristics.
The AD9634 contains a DCS that retimes the nonsampling
(falling) edge, providing an internal clock signal with a nominal
50% duty cycle. This allows the user to provide a wide range of
clock input duty cycles without affecting the performance of the
AD9634.
Jitter on the rising edge of the input clock is still of paramount
concern and is not reduced by the duty cycle stabilizer. The duty
cycle control loop does not function for clock rates less than
40 MHz nominally. The loop has a time constant associated
with it that must be considered when the clock rate may change
dynamically. A wait time of 1.5 μs to 5 μs is required after a
dynamic clock frequency increase or decrease before the DCS loop
is relocked to the input signal. During the time that the loop is
not locked, the DCS loop is bypassed, and internal device timing
is dependent on the duty cycle of the input clock signal. In such
applications, it may be appropriate to disable the duty cycle
stabilizer. In all other applications, enabling the DCS circuit is
recommended to maximize ac performance.
Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality
of the clock input. The degradation in SNR at a given input
frequency (fIN) due to jitter (tJ) can be calculated by
SNRHF = −10 log[(2π × fIN × tJRMS)2 + 10
)
10
/
(
LF
SNR
]
In the equation, the rms aperture jitter represents the root-
mean-square of all jitter sources, which include the clock input,
the analog input signal, and the ADC aperture jitter specification.
IF undersampling applications are particularly sensitive to jitter,
as shown in Figure 56.
80
75
70
65
60
55
50
1
10
100
1000
INPUT FREQUENCY (MHz)
0.05ps
0.2ps
0.5ps
1ps
1.5ps
MEASURED
Figure 56. AD9634-250 SNR vs. Input Frequency and Jitter
In cases where aperture jitter may affect the dynamic range of the
AD9634, treat the clock input as an analog signal. In addition,
use separate power supplies for the clock drivers and the ADC
output driver to avoid modulating the clock signal with digital
noise. Low jitter, crystal controlled oscillators provide the best clock
sources. If the clock is generated from another type of source (by
gating, dividing, or another method), it should be retimed by the
original clock during the last step.
Refer to AN-501 Application Note, Aperture Uncertainty and ADC
System Performance, and AN-756 Application Note, Sampled
Systems and the Effects of Clock Phase Noise and Jitter, for more
information about jitter performance as it relates to ADCs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com