Electronic Components Datasheet Search
  English  ▼

X  

AD9634 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9634
Description  1.8 V Analog-to-Digital Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9634 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9634 Datasheet HTML 23Page - Analog Devices AD9634 Datasheet HTML 24Page - Analog Devices AD9634 Datasheet HTML 25Page - Analog Devices AD9634 Datasheet HTML 26Page - Analog Devices AD9634 Datasheet HTML 27Page - Analog Devices AD9634 Datasheet HTML 28Page - Analog Devices AD9634 Datasheet HTML 29Page - Analog Devices AD9634 Datasheet HTML 30Page - Analog Devices AD9634 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Data Sheet
AD9634
MEMORY MAP REGISTER TABLE
All address and bit locations that are not included in Table 13 are not currently supported for this device.
Table 13. Memory Map Registers
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Default
Notes/
Comments
Chip Configuration Registers
0x00
SPI port
configuration
0
LSB first
Soft reset
1
1
Soft reset
LSB first
0
0x18
Nibbles are
mirrored so
that LSB-
first mode
or MSB-first
mode is set
correctly,
regardless
of shift
mode.
0x01
Chip ID
8-bit chip ID[7:0], AD9634 = 0x87 (default)
0x87
Read only.
0x02
Chip grade
Open
Open
Speed grade ID;
00 = 250 MSPS
01 = 210 MSPS
11 = 170 MSPS
Open
Open
Open
Open
Speed
grade ID
used to
differentiate
devices;
read only.
Transfer Register
0xFF
Transfer
Open
Open
Open
Open
Open
Open
Open
Transfer
0x00
Synchro-
nously
transfers
data from
the master
shift
register to
the slave.
ADC Function Registers
0x08
Power modes
Open
Open
Open
Open
Open
Open
Internal power-down mode
00 = normal operation
01 = full power-down
10 = standby
11 = reserved
0x00
Determines
various
generic
modes of
chip
operation.
0x09
Global clock
Open
Open
Open
Open
Open
Open
Open
Duty cycle
stabilizer
(default)
0x01
0x0B
Clock divide
Open
Open
Input clock divider phase adjust
000 = no delay
001 = 1 input clock cycle
010 = 2 input clock cycles
011 = 3 input clock cycles
100 = 4 input clock cycles
101 = 5 input clock cycles
110 = 6 input clock cycles
111 = 7 input clock cycles
Clock divide ratio
000 = divide by 1
001 = divide by 2
010 = divide by 3
011 = divide by 4
100 = divide by 5
101 = divide by 6
110 = divide by 7
111 = divide by 8
0x00
Clock divide
values other
than 000
auto-
matically
cause the
duty cycle
stabilizer to
become
active.
0x0D
Test mode
Test mode
0 = contin-
uous/
repeat
pattern
1 = single
pattern
then zeros
Open
ResetPN
longgen
Reset PN
short gen
Output test mode
0000 = off (default)
0001 = midscale short
0010 = positive FS
0011 = negative FS
0100 = alternating checkerboard
0101 = PN long sequence
0110 = PN short sequence
0111 = one/zero word toggle
1000 = user test mode
1001 to 1110 = unused
1111 = ramp output
0x00
When this
register is
set, the test
data is
placed on
the output
pins in
place of
normal
data.
0x10
Offset adjust
Open
Open
Offset adjust in LSBs from +31 to −32
(twos complement format)
0x00
Rev. B | Page 27 of 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com