Electronic Components Datasheet Search
  English  ▼

X  

AD9634 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9634
Description  1.8 V Analog-to-Digital Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9634 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9634 Datasheet HTML 18Page - Analog Devices AD9634 Datasheet HTML 19Page - Analog Devices AD9634 Datasheet HTML 20Page - Analog Devices AD9634 Datasheet HTML 21Page - Analog Devices AD9634 Datasheet HTML 22Page - Analog Devices AD9634 Datasheet HTML 23Page - Analog Devices AD9634 Datasheet HTML 24Page - Analog Devices AD9634 Datasheet HTML 25Page - Analog Devices AD9634 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Data Sheet
AD9634
Rev. B | Page 21 of 30
AD8375
AD9634
1µH
1µH
1nF
1nF
VPOS
VCM
15pF
68nH
2.5kΩ║2pF
301Ω
165Ω
165Ω
5.1pF
3.9pF
180nH
1000pF
1000pF 180nH
220nH
220nH
NOTES
1. ALL INDUCTORS ARE COILCRAFT 0603CS COMPONENTS
WITH THE EXCEPTION OF THE 1µH CHOKE INDUCTORS (0603LS).
2. FILTER VALUES SHOWN ARE FOR A 20MHz BANDWIDTH FILTER CENTERED AT 140MHz.
Figure 50. Differential Input Configuration Using the AD8375
An alternative to using a transformer-coupled input at
frequencies in the second Nyquist zone is to use an amplifier
with variable gain. The AD8375 digital variable gain amplifier
(DVGA) provides good performance for driving the AD9634.
Figure 50 shows an example of the AD8375 driving the AD9634
through a band-pass antialiasing filter.
VOLTAGE REFERENCE
A stable and accurate voltage reference is built into the AD9634.
The full-scale input range can be adjusted by varying the reference
voltage via SPI. The input span of the ADC tracks reference
voltage changes linearly.
CLOCK INPUT CONSIDERATIONS
For optimum performance, the AD9634 sample clock inputs,
CLK+ and CLK−, should be clocked with a differential signal.
The signal is typically ac-coupled into the CLK+ and CLK− pins by
means of a transformer or a passive component configuration.
These pins are biased internally (see Figure 51) and require no
external bias. If the inputs are floated, the CLK− pin is pulled low
to prevent spurious clocking.
AVDD
CLK+
4pF
4pF
CLK–
0.9V
Figure 51. Equivalent Clock Input Circuit
Clock Input Options
The AD9634 has a very flexible clock input structure. Clock input
can be a CMOS, LVDS, LVPECL, or sine wave signal. Regardless
of the type of signal being used, clock source jitter is of the most
concern, as described in the Jitter Considerations section.
Figure 52 and Figure 53 show two preferable methods for clocking
the AD9634 (at clock rates of up to 625 MHz). A low jitter clock
source is converted from a single-ended signal to a differential
signal using an RF balun or RF transformer.
The RF balun configuration is recommended for clock frequencies
between 125 MHz and 625 MHz, and the RF transformer is
recommended for clock frequencies from 10 MHz to 200 MHz.
The back-to-back Schottky diodes across the secondary windings
of the transformer limit clock excursions into the AD9634 to
approximately 0.8 V p-p differential. This limit helps prevent the
large voltage swings of the clock from feeding through to other
portions of the AD9634, while preserving the fast rise and fall times
of the signal, which are critical for low jitter performance.
390pF
390pF
390pF
SCHOTTKY
DIODES:
HSMS2822
CLOCK
INPUT
50Ω
100Ω
CLK–
CLK+
ADC
Mini-Circuits®
ADT1-1WT, 1:1Z
XFMR
Figure 52. Transformer Coupled Differential Clock (Up to 200 MHz)
390pF
390pF
390pF
CLOCK
INPUT
1nF
25Ω
25Ω
CLK–
CLK+
SCHOTTKY
DIODES:
HSMS2822
ADC
Figure 53. Balun-Coupled Differential Clock (Up to 625 MHz)
If a low jitter clock source is not available, another option is to
ac couple a differential PECL signal to the sample clock input pins
as shown in Figure 54. The AD9510, AD9511, AD9512, AD9513,
AD9514, AD9515, AD9516, AD9517, AD9518, AD9520, AD9522,
AD9523, AD9524, ADCLK905, ADCLK907, and ADCLK925
clock drivers offer excellent jitter performance.
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
240Ω
240Ω
PECL DRIVER
50kΩ
50kΩ
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
AD95xx,
ADCLKxxx
ADC
Figure 54. Differential PECL Sample Clock (Up to 625 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com