Electronic Components Datasheet Search
  English  ▼

X  

AD9635 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9635
Description  1.8 V Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9635 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9635 Datasheet HTML 3Page - Analog Devices AD9635 Datasheet HTML 4Page - Analog Devices AD9635 Datasheet HTML 5Page - Analog Devices AD9635 Datasheet HTML 6Page - Analog Devices AD9635 Datasheet HTML 7Page - Analog Devices AD9635 Datasheet HTML 8Page - Analog Devices AD9635 Datasheet HTML 9Page - Analog Devices AD9635 Datasheet HTML 10Page - Analog Devices AD9635 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
AD9635
Data Sheet
Rev. B | Page 6 of 36
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −1.0 dBFS, unless otherwise noted.
Table 4.
Parameter1, 2
Temp
Min
Typ
Max
Unit
CLOCK3
Input Clock Rate
Full
10
1000
MHz
Conversion Rate4
Full
10
80/125
MSPS
Clock Pulse Width High (tEH)
Full
6.25/4.00
ns
Clock Pulse Width Low (tEL)
Full
6.25/4.00
ns
OUTPUT PARAMETERS3
Propagation Delay (tPD)
Full
1.5
2.3
3.1
ns
Rise Time (tR) (20% to 80%)
Full
300
ps
Fall Time (tF) (20% to 80%)
Full
300
ps
FCO Propagation Delay (tFCO)
Full
1.5
2.3
3.1
ns
DCO Propagation Delay (tCPD)5
Full
tFCO + (tSAMPLE/12)
ns
DCO to Data Delay (tDATA)5
Full
(tSAMPLE/12) − 300
tSAMPLE/12
(tSAMPLE/12) + 300
ps
DCO to FCO Delay (tFRAME)5
Full
(tSAMPLE/12) − 300
tSAMPLE/12
(tSAMPLE/12) + 300
ps
Lane Delay (tLD)
90
ps
Data-to-Data Skew (tDATA-MAX − tDATA-MIN)
Full
±50
±200
ps
Wake-Up Time (Standby)
25°C
250
ns
Wake-Up Time (Power-Down)6
25°C
375
μs
Pipeline Latency
Full
16
Clock
cycles
APERTURE
Aperture Delay (tA)
25°C
1
ns
Aperture Uncertainty (Jitter, tJ)
25°C
174
fs rms
Out-of-Range Recovery Time
25°C
1
Clock
cycles
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2
Measured on standard FR-4 material.
3
Can be adjusted via the SPI. The conversion rate is the clock rate after the divider.
4
The maximum conversion rate is based on two-lane output mode. See the Digital Outputs and Timing section for the maximum conversion rate in one-lane output
mode.
5
tSAMPLE/12 is based on the number of bits in two LVDS data lanes. tSAMPLE = 1/fS.
6
Wake-up time is defined as the time required to return to normal operation from power-down mode.
TIMING SPECIFICATIONS
Table 5.
Parameter
Description
Limit
Unit
SPI TIMING REQUIREMENTS
See Figure 68
tDS
Setup time between the data and the rising edge of SCLK
2
ns min
tDH
Hold time between the data and the rising edge of SCLK
2
ns min
tCLK
Period of the SCLK
40
ns min
tS
Setup time between CSB and SCLK
2
ns min
tH
Hold time between CSB and SCLK
2
ns min
tHIGH
SCLK pulse width high
10
ns min
tLOW
SCLK pulse width low
10
ns min
tEN_SDIO
Time required for the SDIO pin to switch from an input to an output relative
to the SCLK falling edge (not shown in Figure 68)
10
ns min
tDIS_SDIO
Time required for the SDIO pin to switch from an output to an input relative
to the SCLK rising edge (not shown in Figure 68)
10
ns min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com