Electronic Components Datasheet Search
  English  ▼

X  

AD9635 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9635
Description  1.8 V Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9635 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9635 Datasheet HTML 15Page - Analog Devices AD9635 Datasheet HTML 16Page - Analog Devices AD9635 Datasheet HTML 17Page - Analog Devices AD9635 Datasheet HTML 18Page - Analog Devices AD9635 Datasheet HTML 19Page - Analog Devices AD9635 Datasheet HTML 20Page - Analog Devices AD9635 Datasheet HTML 21Page - Analog Devices AD9635 Datasheet HTML 22Page - Analog Devices AD9635 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
AD9635
Data Sheet
Rev. B | Page 18 of 36
EQUIVALENT CIRCUITS
Figure 43. Equivalent Analog Input Circuit
Figure 44. Equivalent Clock Input Circuit
Figure 45. Equivalent SDIO/PDWN Input Circuit
Figure 46. Equivalent Digital Output Circuit
Figure 47. Equivalent SCLK/DFS Input Circuit
Figure 48. Equivalent RBIAS and VCM Circuit
Figure 49. Equivalent CSB Input Circuit
Figure 50. Equivalent VREF Circuit
AVDD
VINx±
CLK+
CLK–
0.9V
15kΩ
10Ω
10Ω
15kΩ
AVDD
AVDD
31kΩ
SDIO/PDWN
400Ω
DRVDD
DRVDD
D0x–, D1x–
D0x+, D1x+
V
V
V
V
400Ω
DRVDD
30kΩ
SCLK/DFS
RBIAS
AND VCM
400Ω
AVDD
CSB
400Ω
DRVDD
15kΩ
VREF
AVDD
7.5kΩ
400Ω
10Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com