Electronic Components Datasheet Search
  English  ▼

X  

AD9635 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9635
Description  1.8 V Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9635 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9635 Datasheet HTML 24Page - Analog Devices AD9635 Datasheet HTML 25Page - Analog Devices AD9635 Datasheet HTML 26Page - Analog Devices AD9635 Datasheet HTML 27Page - Analog Devices AD9635 Datasheet HTML 28Page - Analog Devices AD9635 Datasheet HTML 29Page - Analog Devices AD9635 Datasheet HTML 30Page - Analog Devices AD9635 Datasheet HTML 31Page - Analog Devices AD9635 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Data Sheet
AD9635
Rev. B | Page 27 of 36
SERIAL PORT INTERFACE (SPI)
The AD9635 serial port interface (SPI) allows the user to configure
the converter for specific functions or operations through a
structured register space provided inside the ADC. The SPI
offers the user added flexibility and customization, depending on
the application. Addresses are accessed via the serial port and
can be written to or read from via the port. Memory is organized
into bytes that can be further divided into fields, which are docu-
mented in the Memory Map section. For general operational
information, see the AN-877 Application Note, Interfacing to
High Speed ADCs via SPI.
CONFIGURATION USING THE SPI
Three pins define the SPI of this ADC: the SCLK/DFS pin,
the SDIO/PDWN pin, and the CSB pin (see Table 14). SCLK/DFS
(a serial clock when CSB is low) is used to synchronize the read
and write data presented from and to the ADC. SDIO/PDWN
(serial data input/output when CSB is low) is a dual-purpose
pin that allows data to be sent to and read from the internal ADC
memory map registers. CSB (chip select bar) is an active low
control that enables or disables the SPI read and write cycles.
Table 14. Serial Port Interface Pins
Pin
Function
SCLK/DFS
Serial clock when CSB is low. The serial shift clock
input, which is used to synchronize serial interface
reads and writes.
SDIO/PDWN
Serial data input/output when CSB is low. A dual-
purpose pin that typically serves as an input or an
output, depending on the instruction being sent
and the relative position in the timing frame.
CSB
Chip select bar. An active low control that enables
the SPI mode read and write cycles.
The falling edge of CSB, in conjunction with the rising edge of
SCLK/DFS, determines the start of the framing. An example of
the serial timing is shown in Figure 68. See Table 5 for
definitions of the timing parameters.
Other modes involving the CSB pin are available. CSB can be
held low indefinitely, which permanently enables the device;
this is called streaming. CSB can stall high between bytes to allow
for additional external timing. When the CSB pin is tied high,
SPI functions are placed in high impedance mode. This mode
turns on the secondary functions of the SPI pins.
During the instruction phase of a SPI operation, a 16-bit
instruction is transmitted. Data follows the instruction phase,
and its length is determined by the W0 and W1 bits.
In addition to word length, the instruction phase determines
whether the serial frame is a read or write operation, allowing
the serial port to be used both to program the chip and to read
the contents of the on-chip memory. The first bit of the first byte
in a multibyte serial data transfer frame indicates whether a read
command or a write command is issued. If the instruction is a
readback operation, performing a readback causes the serial
data input/output (SDIO) pin to change direction from an input
to an output at the appropriate point in the serial frame.
All data is composed of 8-bit words. Data can be sent in MSB-
first mode or in LSB-first mode. MSB-first mode is the default
on power-up and can be changed via the SPI port configuration
register. For more information about this and other features,
see the AN-877 Application Note, Interfacing to High Speed
ADCs via SPI.
Figure 68. Serial Port Interface Timing Diagram
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
SDIO
SCLK
CSB
tS
tDH
tCLK
tDS
tH
R/W
W1
W0
A12
A11
A10
A9
A8
A7
D5
D4
D3
D2
D1
D0
tLOW
tHIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com