Electronic Components Datasheet Search
  English  ▼

X  

AD9635 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9635
Description  1.8 V Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9635 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9635 Datasheet HTML 21Page - Analog Devices AD9635 Datasheet HTML 22Page - Analog Devices AD9635 Datasheet HTML 23Page - Analog Devices AD9635 Datasheet HTML 24Page - Analog Devices AD9635 Datasheet HTML 25Page - Analog Devices AD9635 Datasheet HTML 26Page - Analog Devices AD9635 Datasheet HTML 27Page - Analog Devices AD9635 Datasheet HTML 28Page - Analog Devices AD9635 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
AD9635
Data Sheet
Rev. B | Page 24 of 36
Figure 67 shows an example of trace lengths exceeding 24 inches
on standard FR-4 material. Note that the TIE jitter histogram
reflects the decrease of the data eye opening as the edge deviates
from the ideal position.
Figure 67. Data Eye for LVDS Outputs in ANSI-644 Mode with Trace Lengths
Greater Than 24 Inches on Standard FR-4 Material, External 100 Ω Far-End
Termination Only
It is the responsibility of the user to determine if the waveforms
meet the timing budget of the design when the trace lengths exceed
24 inches. Additional SPI options allow the user to further increase
the internal termination (increasing the current) of both outputs
to drive longer trace lengths. This increase in current can be
achieved by programming Register 0x15. Although an increase
in current produces sharper rise and fall times on the data edges
and is less prone to bit errors, the power dissipation of the DRVDD
supply increases when this option is used.
The format of the output data is twos complement by default.
An example of the output coding format can be found in Table 9.
To change the output data format to offset binary, see the
Memory Map section.
Data from each ADC is serialized and provided on a separate
channel in two lanes in DDR mode. The data rate for each serial
stream is equal to (12 bits × the sample clock rate)/2 lanes, with
a maximum of 750 Mbps/lane ((12 bits × 125 MSPS)/(2 lanes) =
750 Mbps/lane)). The maximum allowable output data rate is
1 Gbps/lane. If one-lane mode is used, the data rate doubles for a
given sample rate. To stay within the maximum data rate of
1 Gbps/lane, the sample rate is limited to a maximum of 83.3 MSPS
in one-lane output mode.
The lowest typical conversion rate is 10 MSPS. For conversion
rates of less than 20 MSPS, the SPI must be used to reconfigure
the integrated PLL. See Register 0x21 in the Memory Map section
for details on enabling this feature.
Two output clocks are provided to assist in capturing data from
the AD9635. The DCO is used to clock the output data and is
equal to 3× the sample clock (CLK) rate for the default mode
of operation. Data is clocked out of the AD9635 and must be
captured on the rising and falling edges of the DCO that supports
double data rate (DDR) capturing. The FCO is used to signal
the start of a new output byte and is equal to the sample clock
rate in 1× frame mode. See the Timing Diagrams section for
more information.
When the SPI is used, the DCO phase can be adjusted in 60°
increments relative to the data edge. This enables the user to
refine system timing margins, if required. The default DCO+
and DCO− timing, as shown in Figure 2, is 180° relative to the
output data edge.
A 10-bit serial stream can also be initiated from the SPI. This
allows the user to implement and test compatibility to lower
resolution systems. When changing the resolution to a 10-bit
serial stream, the data stream is shortened.
In default mode, as shown in Figure 2, the MSB is first in the
data output serial stream. This can be inverted, by using the SPI,
so that the LSB is first in the data output serial stream.
Table 9. Digital Output Coding
Input (V)
Condition (V)
Offset Binary Output Mode
Twos Complement Mode
VIN+ − VIN−
<−VREF − 0.5 LSB
0000 0000 0000
1000 0000 0000
VIN+ − VIN−
−VREF
0000 0000 0000
1000 0000 0000
VIN+ − VIN−
0 V
1000 0000 0000
0000 0000 0000
VIN+ − VIN−
+VREF − 1.0 LSB
1111 1111 1111
0111 1111 1111
VIN+ − VIN−
>+VREF − 0.5 LSB
1111 1111 1111
0111 1111 1111
500
400
300
200
100
–500
–400
–300
–200
–100
0
–0.8ns
–0.4ns
0ns
0.4ns
0.8ns
EYE: ALL BITS
ULS: 8000/414024
10k
12k
2k
4k
6k
8k
0
–800ps –600ps
–400ps –200ps
0ps
200ps
400ps
600ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com