Electronic Components Datasheet Search
  English  ▼

X  

AD9635 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9635
Description  1.8 V Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9635 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9635 Datasheet HTML 29Page - Analog Devices AD9635 Datasheet HTML 30Page - Analog Devices AD9635 Datasheet HTML 31Page - Analog Devices AD9635 Datasheet HTML 32Page - Analog Devices AD9635 Datasheet HTML 33Page - Analog Devices AD9635 Datasheet HTML 34Page - Analog Devices AD9635 Datasheet HTML 35Page - Analog Devices AD9635 Datasheet HTML 36Page - Analog Devices AD9635 Datasheet HTML 37Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
AD9635
Data Sheet
Rev. B | Page 32 of 36
Addr.
(Hex)
Parameter Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)
Comments
0x21
Serial output data
control (global)
LVDS
output
0 = MSB
first
(default)
1 = LSB
first
SDR/DDR one-lane/two-lane,
bitwise/bytewise, Bits[6:4]
000 = SDR two-lane, bitwise
001 = SDR two-lane, bytewise
010 = DDR two-lane, bitwise
011 = DDR two-lane, bytewise
(default)
100 = DDR one-lane, wordwise
Encode
mode
0 =
normal
encode
rate mode
(default)
1 = low
encode
mode for
sample
rate of
<20 MSPS
0 = 1×
frame
(default)
1 = 2×
frame
Serial output
number of bits
10 = 12 bits (default)
11 = 10 bits
0x32
Serial stream
control.
Sample rate of
<20 MSPS
requires that
Bits[6:4] = 100
(DDR one-lane)
and Bit 3 = 1
(low encode
mode).
0x22
Serial channel
status (local)
Open
Open
Open
Open
Open
Open
Channel
output
reset
Channel
power-
down
0x00
Used to
power down
individual
sections of
a converter.
0x100
Resolution/
sample rate
override
Open
Resolution/
sample rate
override enable
Resolution
10 = 12 bits
11 = 10 bits
Open
Sample rate
000 = 20 MSPS
001 = 40 MSPS
010 = 50 MSPS
011 = 65 MSPS
100 = 80 MSPS
101 = 105 MSPS
110 = 125 MSPS
0x00
Resolution/
sample rate
override
(requires
writing to
the transfer
register, 0xFF).
0x101
User I/O Control 2
Open
Open
Open
Open
Open
Open
Open
SDIO
pull-down
0x00
Disables SDIO
pull-down.
0x102
User I/O Control 3
Open
Open
Open
Open
VCM
power-
down
Open
Open
Open
0x00
VCM control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com